Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1606AI Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1606AI
Description  16-Bit, 250ksps, Single Supply ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606AI Datasheet(HTML) 1 Page - Linear Technology

  LTC1606AI Datasheet HTML 1Page - Linear Technology LTC1606AI Datasheet HTML 2Page - Linear Technology LTC1606AI Datasheet HTML 3Page - Linear Technology LTC1606AI Datasheet HTML 4Page - Linear Technology LTC1606AI Datasheet HTML 5Page - Linear Technology LTC1606AI Datasheet HTML 6Page - Linear Technology LTC1606AI Datasheet HTML 7Page - Linear Technology LTC1606AI Datasheet HTML 8Page - Linear Technology LTC1606AI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1606
16-Bit, 250ksps,
Single Supply ADC
March 2000
DESCRIPTION
FEATURES
The LTC
®1606 is a 250ksps, sampling 16-bit A/D con-
verter that draws only 75mW (typical) from a single 5V
supply. This easy-to-use device includes sample-and-
hold, precision reference, switched capacitor successive
approximation A/D and trimmed internal clock.
The LTC1606’s input range is an industry standard
±10V.
Maximum DC specs include
±2.0LSB INL and 16 bits no
missing codes over temperature. An external reference
can be used if greater accuracy over temperature is
needed.
The 90dB signal-to-noise ratio offers an improvement of
3dB over competing devices, and the RMS transition noise
is reduced (0.65LSB vs 1LSB) relative to competitive
parts.
The ADC has a microprocessor compatible, 16-bit or two
byte parallel output port. A convert start input and a data
ready signal (BUSY) ease connections to FIFOs, DSPs and
microprocessors.
s
Sample Rate: 250ksps
s
Single 5V Supply
s
Bipolar Input Range:
±10V
s
Signal-to-Noise Ratio: 90dB Typ
s
Power Dissipation: 75mW Typ
s
Integral Nonlinearity:
±2.0LSB Max
s
Guaranteed No Missing Codes
s
Operates with Internal or External Reference
s
Internal Synchronized Clock
s
28-Pin SSOP Package
s
Improved 2nd Source to AD976A and ADS7805
s
Industrial Process Control
s
Multiplexed Data Acquisition Systems
s
High Speed Data Acquisition for PCs
s
Digital Signal Processing
APPLICATIONS
Low Power, 250kHz, 16-Bit Sampling ADC on 5V Supply
, LTC and LT are registered trademarks of Linear Technology Corporation.
4k
7.35k
200
Ω
REFERENCE
2.5k
9k
16-BIT
SAMPLING ADC
D15 TO D0
33.2k
10
µF
10
µF
0.1
µF
2.2
µF
±10V
INPUT
VIN
CAP
REF
AGND1
1
4
3
2
AGND2
5
DGND
14
CONTROL
LOGIC AND
TIMING
BUSY
BYTE
CS
R/C
28
27
6 TO 13
15 TO 22
26
25
24
23
DIGITAL
CONTROL
SIGNALS
1606 TA01
16-BIT
OR 2 BYTE
PARALLEL
BUS
5V
VDIG VANA
1.64x
BUFFER
4.096V
2.5V
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Final Electrical Specifications


Similar Part No. - LTC1606AI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606AIG LINER-LTC1606AIG Datasheet
200Kb / 16P
16-Bit, 250ksps, Single Supply ADC
LTC1606AISW LINER-LTC1606AISW Datasheet
200Kb / 16P
16-Bit, 250ksps, Single Supply ADC
More results

Similar Description - LTC1606AI

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1870 AD-AD1870 Datasheet
276Kb / 20P
Single-Supply 16-Bit Stereo ADC
AD1877 AD-AD1877 Datasheet
253Kb / 18P
Single-Supply 16-Bit Stereo ADC
AD1870 AD-AD1870_02 Datasheet
272Kb / 20P
Single-Supply 16-Bit Stereo ADC
6/02-Data Sheet changed from REV. 0 to REV. A.
logo
Linear Technology
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
16-Bit, 250ksps, Single Supply ADC
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
16-Bit, 250ksps SAR ADC with 94dB SNR
logo
List of Unclassifed Man...
ZADCS1082 ETC2-ZADCS1082_11 Datasheet
508Kb / 27P
10-Bit, 250ksps, ADC Family
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
16-Bit, 250ksps, Single Supply ADC
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
16-Bit, 250ksps SAR ADC with 94dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com