Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9012 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM9012
Description  Quad 14-Bit, 125Msps ADC with Integrated Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9012 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM9012_15 Datasheet HTML 17Page - Linear Technology LTM9012_15 Datasheet HTML 18Page - Linear Technology LTM9012_15 Datasheet HTML 19Page - Linear Technology LTM9012_15 Datasheet HTML 20Page - Linear Technology LTM9012_15 Datasheet HTML 21Page - Linear Technology LTM9012_15 Datasheet HTML 22Page - Linear Technology LTM9012_15 Datasheet HTML 23Page - Linear Technology LTM9012_15 Datasheet HTML 24Page - Linear Technology LTM9012_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM9012
21
9012f
applicaTions inForMaTion
GROUNDING AND BYPASSING
The LTM9012 requires a printed circuit board with a
clean unbroken ground plane. A multilayer board with an
internal ground plane in the first layer beneath the ADC is
recommended. Layout for the printed circuit board should
ensure that digital and analog signal lines are separated as
much as possible. In particular, care should be taken not
to run any digital track alongside an analog signal track
or underneath the ADC.
Bypass capacitors are integrated inside the package; ad-
ditional capacitance is optional.
The analog inputs, encode signals, and digital outputs
should not be routed next to each other. Ground fill and
grounded vias should be used as barriers to isolate these
signals from each other.
LAYOUT RECOMMENDATIONS
The pin assignments of the LTM9012 allow a flow-through
layout that makes it possible to use multiple parts in a
small area when a large number of ADC channels are
required. The LTM9012 has similar layout rules to other
BGA packages. The layout can be implemented with 6mil
blind vias and 5mil traces. The pinout has been designed
to minimize the space required to route the analog and
digital traces. The analog and digital traces can essentially
be routed within the width of the package. This allows
multiple packages to be located close together for high
channel count applications. Trace lengths for the analog
inputs and digital outputs should be matched as well as
possible.Table5liststhetracelengthsfortheanaloginputs
and digital outputs inside the package from the die pad to
the package pad. These should be added to the PCB trace
lengths for best matching.
Figures 7 through Figure 11 show an example of a good
PCB layout.
HEAT TRANSFER
Most of the heat generated by the LTM9012 is transferred
from the die through the bottom side of the package
through numerous ground pins onto the printed circuit
board. For good electrical and thermal performance, these
pins should be connected to the internal ground planes
by an array of vias.
Table 5. Internal Trace Lengths
PIN
NAME
(mm)
Q9
01A–
0.535
Q10
01A+
0.350
R11
01B–
2.185
R12
01B+
2.216
R9
02A–
0.174
R10
02A+
0.667
S11
02B–
2.976
S12
02B+
2.972
S2
03A–
3.033
S3
03A+
3.031
R4
03B–
0.752
R5
03B+
0.370
R2
04A–
2.130
R3
04A+
2.125
Q4
04B–
0.332
Q5
04B+
0.527
A12
CH1–
7.741
A11
CH1+
7.723
A9
CH2–
4.632
A8
CH2+
4.629
A6
CH3–
3.987
A5
CH3+
3.988
A3
CH4–
7.892
A2
CH4+
7.896
P1
CLK–
3.317
N1
CLK+
3.325
P4
CS
0.241
S9
DCO–
1.912
S10
DCO+
1.927
S4
FR–
2.097
S5
FR+
2.082
P10
PAR/SER
0.226
P5
SCK
1.553
P9
SD0
0.957
P3
SDI
1.184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com