Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM9012 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM9012
Description  Quad 14-Bit, 125Msps ADC with Integrated Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9012 Datasheet(HTML) 3 Page - Linear Technology

  LTM9012_15 Datasheet HTML 1Page - Linear Technology LTM9012_15 Datasheet HTML 2Page - Linear Technology LTM9012_15 Datasheet HTML 3Page - Linear Technology LTM9012_15 Datasheet HTML 4Page - Linear Technology LTM9012_15 Datasheet HTML 5Page - Linear Technology LTM9012_15 Datasheet HTML 6Page - Linear Technology LTM9012_15 Datasheet HTML 7Page - Linear Technology LTM9012_15 Datasheet HTML 8Page - Linear Technology LTM9012_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM9012
3
9012f
converTer characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 6)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
l
14
Bits
Integral Linearity Error
Differential Analog Input (Note 7)
l
–5
±1.2
5
LSB
Differential Linearity Error
Differential Analog Input
l
–0.9
±0.3
0.9
LSB
Offset Error
(Note 8)
l
–37
±3
37
mV
Gain Error
Internal Reference
External Reference
l
–3.6
–1.3
–1.3
3.0
%FS
%FS
Offset Drift
±20
µV/°C
Full-Scale Drift
Internal Reference
External Reference
±35
±25
ppm/°C
ppm/°C
Gain Matching
External Reference
±0.2
%FS
Offset Matching
±3
mV
Transition Noise
External Reference
1.2
LSBRMS
analog inpuT The
l
denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 6)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Differential Analog Input Range (CH+ – CH–)
at –1dBFS
LTM9012-AB
l
0.2
VP-P
VIN(CM)
Analog Input Common Mode (CH+ + CH–)/2 Differential Analog Input (Note 9)
0 to 1.5
V
VSENSE
External Voltage Reference Applied to SENSE External Reference Mode
l
0.625
1.250
1.300
V
RIN
Differential Input Resistance
LTM9012-AB
100
Ω
IIN(P/S)
Input Leakage Current
0 < PAR/SER < VDD
l
–3
3
µA
IIN(SENSE)
Input Leakage Current
0.625V < SENSE < 1.3V
l
–6
6
µA
tAP
Sample-and-Hold Acquisition Delay Time
0
ns
tJITTER
Sample-and-Hold Acquisition Delay Jitter
0.15
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
90
dB
BW-3dB
3dB Corner of Internal Lowpass Filter
90
MHz
DynaMic accuracy The
l
denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 6)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
70MHz Input
l
66.5
68.3
dBFS
SFDR
Spurious Free Dynamic Range
2nd or 3rd Harmonic
70MHz Input
l
66.9
78
dBFS
Spurious Free Dynamic Range
4th Harmonic or Higher
70MHz Input
l
76.9
86
dBFS
S/N+D
Signal-to-Noise Plus Distortion Ratio
70MHz Input
l
64.7
66.7
dBFS
Crosstalk, Near Channel
10MHz (Note 12)
70
dBc
Crosstalk, Far Channel
10MHz (Note 12)
90
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com