Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1629C Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1629C
Description  PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1629C Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1629C Datasheet HTML 13Page - Linear Technology LTC1629C Datasheet HTML 14Page - Linear Technology LTC1629C Datasheet HTML 15Page - Linear Technology LTC1629C Datasheet HTML 16Page - Linear Technology LTC1629C Datasheet HTML 17Page - Linear Technology LTC1629C Datasheet HTML 18Page - Linear Technology LTC1629C Datasheet HTML 19Page - Linear Technology LTC1629C Datasheet HTML 20Page - Linear Technology LTC1629C Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LTC1629/LTC1629-PG
source of the desired MOSFET. This enhances the MOSFET
and turns on the topside switch. The switch node voltage,
SW, rises to VIN and the BOOST pin rises to VIN + VINTVCC.
The value of the boost capacitor CB needs to be 30 to 100
times that of the total input capacitance of the topside
MOSFET(s). The reverse breakdown of DB must be greater
than VIN(MAX).
The final arbiter when defining the best gate drive ampli-
tude level will be the input supply current. If a change is
made that decreases input current, the efficiency has
improved. If the input current does not change then the
efficiency has not changed either.
Output Voltage
The LTC1629 has a true remote voltage sense capablity.
The sensing connections should be returned from the load
back to the differential amplifier’s inputs through a com-
mon, tightly coupled pair of PC traces. The differential
amplifier rejects common mode signals capacitively or
inductively radiated into the feedback PC traces as well as
ground loop disturbances. The differential amplifier out-
put signal is divided down and compared with the internal
precision 0.8V voltage reference by the error amplifier.
The differential amplifier can be used in either of two
configurations according to the voltage applied to the
AMPMD pin. The first configuration, with the connections
illustrated in the Functional Diagram, utilizes a set of
internal precision resistors to enable precision instrumen-
tation-type measurement of the output voltage. This con-
figuration is activated when the AMPMD pin is tied to
ground and is the only configuration available for the
LTC1629-PG. When the AMPMD pin is tied to INTVCC, the
resistors are disconnected and the amplifier inputs are
made directly available. The amplifier can then be used as
a general purpose op amp. The amplifier has a 0V to 3V
common mode input range limitation due to the internal
switching of its inputs. The output is an NPN emitter
follower without any internal pull-down current. A DC
resistive load to ground is required in order to sink current.
The output will swing from 0V to 10V. (VIN≥VDIFFOUT + 2V.)
Soft-Start/Run Function
The RUN/SS pin provides three functions: 1) Run/Shut-
down, 2) soft-start and 3) a defeatable short-circuit latchoff
timer. Soft-start reduces the input power sources’ surge
currents by gradually increasing the controller’s current
limit ITH(MAX). The latchoff timer prevents very short,
extreme load transients from tripping the overcurrent
latch. A small pull-up current (>5
µA) supplied to the RUN/
SS pin will prevent the overcurrent latch from operating.
The following explanation describes how the functions
operate.
An internal 1.2
µA current source charges up the CSS
capacitor. When the voltage on RUN/SS reaches 1.5V, the
controller is permitted to start operating. As the voltage on
RUN/SS increases from 1.5V to 3.0V, the internal current
limit is increased from 25mV/RSENSE to 75mV/RSENSE.
The output current limit ramps up slowly, taking an
additional 1.4
µs/µF to reach full current. The output cur-
APPLICATIO S I FOR ATIO
Figure 5a. Secondary Output Loop and EXTVCC Connection
Figure 5b. Capacitive Charge Pump for EXTVCC
1629 F05a
VIN
TG1
N-CH
1N4148
N-CH
BG1
PGND
LTC1629
SW1
EXTVCC
OPTIONAL EXTVCC CONNECTION
5V < VSEC < 7V
T1
RSENSE
VSEC
6.8V
VOUT
VIN
+
CIN
+
1
µF
+
COUT
1629 F05b
VIN
TG1
N-CH
N-CH
BG1
PGND
LTC1629
SW1
EXTVCC
L1
RSENSE
BAT85
BAT85
BAT85
0.22
µF
VOUT
VIN
+
CIN
+
CIN
+
COUT
VN2222LL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com