Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1629C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1629C
Description  PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1629C Datasheet(HTML) 2 Page - Linear Technology

  LTC1629C Datasheet HTML 1Page - Linear Technology LTC1629C Datasheet HTML 2Page - Linear Technology LTC1629C Datasheet HTML 3Page - Linear Technology LTC1629C Datasheet HTML 4Page - Linear Technology LTC1629C Datasheet HTML 5Page - Linear Technology LTC1629C Datasheet HTML 6Page - Linear Technology LTC1629C Datasheet HTML 7Page - Linear Technology LTC1629C Datasheet HTML 8Page - Linear Technology LTC1629C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LTC1629/LTC1629-PG
ORDER PART
NUMBER
LTC1629CG
LTC1629IG
LTC1629CG-PG
LTC1629IG-PG
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
*PGOOD ON LTC1629-PG
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RUN/SS
SENSE1+
SENSE1–
EAIN
PLLFLTR
PLLIN
PHASMD
ITH
SGND
VDIFFOUT
VOS–
VOS+
SENSE2–
SENSE2+
CLKOUT
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
AMPMD*
TJMAX = 125°C, θJA = 95°C/W
Consult factory for Military grade parts.
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS = 5V unless otherwise noted.
(Note 1)
Input Supply Voltage (VIN).........................36V to –0.3V
Topside Driver Voltages (BOOST1,2) .........42V to – 0.3V
Switch Voltage (SW1, 2) .............................36V to – 5 V
SENSE1+, SENSE2 +, SENSE1–,
SENSE2 – Voltages ........................ (1.1)INTVCC to –0.3V
EAIN, VOS+, VOS–, EXTVCC, INTVCC,
RUN/SS, AMPMD, PGOOD Voltages ............7V to – 0.3V
Boosted Driver Voltage (BOOST-SW) .......... 7V to – 0.3V
PLLFLTR, PLLIN, CLKOUT, PHASMD,
VDIFFOUT Voltages ................................ INTVCC to –0.3V
ITH Voltage ................................................2.7V to –0.3V
Peak Output Current <1
µs(TGL1,2, BG1,2)................ 5A
INTVCC RMS Output Current ................................ 50mA
Operating Ambient Temperature Range
LTC1629C/LTC1629C-PG .......................... 0
°C to 85°C
LTC1629I/LTC1629I-PG ....................... – 40
°C to 85°C
Junction Temperature (Note 2) ............................. 125
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VEAIN
Regulated Feedback Voltage
(Note 3); ITH Voltage = 1.2V
q
0.792
0.800
0.808
V
VSENSEMAX
Maximum Current Sense Threshold
VSENSE– = 5V
q
62
75
88
mV
VSENSE1, 2 = 5V; LTC1629 Only
65
75
85
mV
IINEAIN
Feedback Current
(Note 3)
– 5
– 50
nA
VLOADREG
Output Voltage Load Regulation
(Note 3)
Measured in Servo Loop; ITH Voltage = 0.7V
q
0.1
0.5
%
Measured in Servo Loop; ITH Voltage = 2V
q
– 0.1
– 0.5
%
VREFLNREG
Reference Voltage Line Regulation
VIN = 3.6V to 30V (Note 3)
0.002
0.02
%/V
VOVL
Output Overvoltage Threshold
Measured at VEAIN
q
0.84
0.86
0.88
V
UVLO
Undervoltage Lockout
VIN Ramping Down
3
3.5
4
V
gm
Transconductance Amplifier gm
ITH = 1.2V; Sink/Source 5µA; (Note 3)
3
mmho
gmOL
Transconductance Amplifier Gain
ITH = 1.2V; (gmxZL; No Ext Load); (Note 3)
1.5
V/mV
IQ
Input DC Supply Current
(Note 4)
Normal Mode
EXTVCC Tied to VOUT; VOUT = 5V
470
µA
Shutdown
VRUN/SS = 0V
20
40
µA
IRUN/SS
Soft-Start Charge Current
VRUN/SS = 1.9V
– 0.5
– 1.2
µA
VRUN/SS
RUN/SS Pin ON Threshold
VRUN/SS Rising
1.0
1.5
1.9
V
VRUN/SSLO
RUN/SS Pin Latchoff Arming
VRUN/SS Rising from 3V
4.1
4.5
V
ISCL
RUN/SS Discharge Current
Soft Short Condition VEAIN = 0.5V; VRUN/SS = 4.5V
0.5
2
4
µA
ISDLDO
Shutdown Latch Disable Current
VEAIN = 0.5V
1.6
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com