Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH481 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSH481
Description  Ratio-metric Linear Hall Effect Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSH481 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSH481 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSH481 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSH481 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSH481 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSH481 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSH481 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSH481 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TSH481
Ratio-metric Linear Hall Effect Switch
2/7
Version: A14
Block Diagram
Typical Application Circuit
Electrical Specifications (DC Operating Parameters: TA=+25oC,VCC=5V)
Parameters
Test Conditions
Min
Typ
Max
Units
Supply Voltage
Operating
3.0
--
6.5
V
Supply Current
B=0 G
--
2.5
5.0
mA
Output Current
VCC>3V
1.0
1.5
--
mA
Null Output Voltage
B=0 G
2.3
2.5
2.7
V
Output Bandwidth
--
20
--
kHz
Output Voltage Span
2.95
3.2
--
V
Magnetic Range Gauss
±500
±800
--
G
Linearity
% of Span
--
0.7
--
Response Time
--
3
--
µs
Sensitivity
1.8
--
2.2
mV/G
Electro-Static Discharge
HBM
3
--
--
kV
Note: 1G (Gauss) = 0.1mT (millitesla)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com