Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH481 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSH481
Description  Ratio-metric Linear Hall Effect Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSH481 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSH481 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSH481 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSH481 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSH481 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSH481 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSH481 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSH481 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSH481
Ratio-metric Linear Hall Effect Switch
1/7
Version: A14
TO-92S
Description
TSH481 is a linear Hall-effect sensor which is composed of Hall sensor, linear amplifier and Totem-Pole output
stage. It features low noise output, which makes it unnecessary to use external filtering. It also can provide
increased temperature stability and accuracy. The linear Hall sensor has a wide operating temperature range of -
40
oC to +105 oC, appropriate for commercial, consumer, and industrial environments.
The high sensitivity of Hall-effect sensor accurately tracks extremely weak changes in magnetic flux density. The
linear sourcing output voltage is set by the supply voltage and in proportion of variation of the magnetic flux
density. Typical operation current is 2.5mA and operating voltage range is 3.0V to 6.5V
Features
●
Operating Voltage Range: 3.0V~6.5V
●
Low-Noise Operation
●
Linear output for circuit design flexibility
●
Totem-Pole for a stable and accurate output
●
Responds to either positive or negative magnetic
flux density
●
Robust ESD performance
Ordering Information
Part No.
Package
Packing
TSH481CT B0G
TO-92S
1kpcs / Bulk Bag
Note: “G” denote for Halogen Free Product
Application
●
Current sensing
●
Motor control
●
Position sensing
●
Magnetic code reading
●
Rotary encoder
●
Ferrous metal detector
●
Vibration sensing
●
Liquid level sensing
●
Weight sensing
Absolute Maximum Ratings (TA = 25oC unless otherwise noted)
Characteristics
Limit
Value
Unit
Supply voltage
VCC
8
V
Reverse voltage
VCC
-0.5
V
Magnetic flux density
Unlimited
G
Output current
IOUT
10
mA
Operating Temperature Range
TOPR
-40 to +85
oC
Storage temperature range
TSTG
-65 to +150
oC
Maximum Junction Temp
TJ
150
oC
Thermal Resistance - Junction to Ambient
RθJA
206
oC/W
Thermal Resistance - Junction to Case
RθJC
148
oC/W
Package Power Dissipation
PD
606
mW
Note: Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute maximum-
rated conditions for extended periods may affect device reliability.
Pin Definition:
1. VCC
2. GND
3. Output


Similar Part No. - TSH481

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSH TRACOPOWER-TSH Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
logo
Samtec, Inc
TSH SAMTEC-TSH Datasheet
240Kb / 1P
(2.00 mm) .0787" PITCH
Rev 17AUG21
logo
Automatic Timing & Cont...
TSH ATC-TSH Datasheet
314Kb / 1P
Delayed Interval Solid-State Output
logo
Phoenix Mecano S.E. Asi...
TSH 35 BOPLA-TSH 35 Datasheet
2Mb / 22P
Cable glands / General Accessories
TSH 35 AL - 100 BOPLA-TSH 35 AL - 100 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results

Similar Description - TSH481

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7901 MPOWER-MA7901 Datasheet
161Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7902 MPOWER-MA7902 Datasheet
119Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7903 MPOWER-MA7903 Datasheet
164Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7905 MPOWER-MA7905 Datasheet
161Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.3
MA7906 MPOWER-MA7906 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
MA7907 MPOWER-MA7907 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7908 MPOWER-MA7908 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7909 MPOWER-MA7909 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7910 MPOWER-MA7910 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
MA7918 MPOWER-MA7918 Datasheet
117Kb / 2P
Ratio-metric Linear Hall Effect Sensor
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com