Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4N60ECPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4N60ECPROG
Description  600V, 4A, 2.5廓 N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4N60ECPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4N60ECPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4N60ECPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4N60ECPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4N60ECPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4N60ECPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4N60ECPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM4N60ECPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TSM4N60E
600V, 4A, 2.5
Ω
N-Channel Power MOSFET
1/7
Version: A14
TO-251
(IPAK)
TO-252
(DPAK)
Key Parameter Performance
Parameter
Value
Unit
VDS
600
V
RDS(on)(max)
2.5
Ω
Qg (typ)
13
nC
Features
●
100% Avalanche Tested
●
G-S ESD Protection Diode Embedded
Block Diagram
N-Channel MOSFET with ESD Protection
Ordering Information
Part No.
Package
Packing
TSM4N60ECH C5G
TO-251
75pcs / Tube
TSM4N60ECP ROG
TO-252
2.5kpcs / 13
” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds
Absolute Maximum Ratings (Tc=25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
600
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
(Note 1)
Tc=25
℃
ID
4
A
Tc=100
℃
2.34
A
Pulsed Drain Current
(Note 2)
IDM
16
A
Repetitive Avalanche Current
(Note 1)
IAR
4
A
Repetitive Avalanche Energy
(Note 1)
EAR
8.62
mJ
Single Pulse Avalanche Energy
(Note 3)
EAS
192
mJ
Total Power Dissipation
@ TC = 25℃
PD
86.2
W
Derate above TC = 25℃
0.68
W/
℃
Peak Diode Recovery dV/dt
(Note 4)
dV/dt
4.5
V/ns
Operating Junction Temperature
TJ
150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
RӨJC
1.45
℃/W
Thermal Resistance - Junction to Ambient
RӨJA
110
℃/W
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM4N60ECPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4N60 TSC-TSM4N60 Datasheet
477Kb / 9P
600V N-Channel Power MOSFET
TSM4N60CHC5 TSC-TSM4N60CHC5 Datasheet
477Kb / 9P
600V N-Channel Power MOSFET
TSM4N60CHC5 TSC-TSM4N60CHC5 Datasheet
369Kb / 11P
600V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM4N60CHC5 VBSEMI-TSM4N60CHC5 Datasheet
2Mb / 9P
N-Channel 650 V (D-S)Power MOSFET
logo
Taiwan Semiconductor Co...
TSM4N60CHC5G TSC-TSM4N60CHC5G Datasheet
369Kb / 11P
600V N-Channel Power MOSFET
More results

Similar Description - TSM4N60ECPROG

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TFF4N60 TAK_CHEONG-TFF4N60 Datasheet
337Kb / 8P
N-Channel Power MOSFET 4.1A, 600V, 2.5廓
TFP4N60 TAK_CHEONG-TFP4N60 Datasheet
350Kb / 8P
N-Channel Power MOSFET 4.1A, 600V, 2.5廓
logo
Unisonic Technologies
4N60 UTC-4N60_11 Datasheet
376Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
logo
Advanced Monolithic Sys...
AMS4N60 AMS-AMS4N60 Datasheet
499Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP4N60NZ FAIRCHILD-FDP4N60NZ Datasheet
383Kb / 10P
N-Channel MOSFET 600V, 3.8A, 2.5廓
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
600V,4A N-Channel MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
600V, 4A, N-Channel Power MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60_14 Datasheet
408Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
4N60K UTC-4N60K Datasheet
367Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
4N60Z UTC-4N60Z Datasheet
359Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com