Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1649CS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1649CS
Description  3.3V Input High Power Step-Down Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1649CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1649CS Datasheet HTML 6Page - Linear Technology LTC1649CS Datasheet HTML 7Page - Linear Technology LTC1649CS Datasheet HTML 8Page - Linear Technology LTC1649CS Datasheet HTML 9Page - Linear Technology LTC1649CS Datasheet HTML 10Page - Linear Technology LTC1649CS Datasheet HTML 11Page - Linear Technology LTC1649CS Datasheet HTML 12Page - Linear Technology LTC1649CS Datasheet HTML 13Page - Linear Technology LTC1649CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1649
tors that work well in LTC1649 applications. A common
way to lower ESR and raise ripple current capability is to
parallel several capacitors. A typical LTC1649 application
might require an input capacitor with a 5A ripple current
capacity and 2% output shift with a 10A output load step,
which requires a 0.005
ΩoutputcapacitorESR.SanyoOS-
CON part number 10SA220M (220
µF/10V) capacitors
feature 2.3A allowable ripple current at 85
°C and 0.035Ω
ESR; three in parallel at the input and seven at the output
will meet the above requirements.
Input Supply Considerations/Charge Pump
The LTC1649 requires four supply voltages to operate:
VIN, VCC, PVCC1 and PVCC2. VIN is the primary high power
input, supplying current to the drain of Q1 and the input to
the internal charge pump at the VIN pin. This supply must
be between 2.7V and 6V for the LTC1649 to operate
properly. An internal charge pump uses the voltage at VIN
to generate a regulated 5V output at CPOUT. This charge
pump requires an external 1
µF capacitor connected be-
tween the C + and C – pins, and an external 10
µF reservoir
capacitor connected from CPOUT to ground. The voltage at
CPOUT must always be greater than or equal to VIN. If VIN
is expected to rise above 5V, an additional Schottky diode
(D5) should be added from VIN to CPOUT.
CPOUT is typically connected to PVCC2 directly, providing
the 5V supply that the G2 driver output uses to drive Q2.
PVCC2 requires a 10µF bypass to ground; this capacitor
can double as the CPOUT reservoir capacitor, allowing a
typical application with CPOUT and PVCC2 connected to-
gether to get away with only a single 10
µF capacitor at this
node, located close to the PVCC2 pin. VCC can also be
powered from CPOUT, but is somewhat sensitive to noise.
PVCC2 happens to be a significant noisemaker, so most
applications require an RC filter from CPOUT/PVCC2 to VCC.
22
Ω and 10µF are typical filter values that work well in
most applications.
PVCC1 needs to be boosted to a level higher than CPOUT to
provide gate drive to Q1. The LTC1649 initially used a
charge pump from VIN to create CPOUT; the typical appli-
cation uses a second charge pump to generate the PVCC1
supply. This second charge pump consists of a Schottky
diode (DCP) from CPOUT to PVCC1, and a 1µF capacitor
from PVCC1 to the source of Q1. While Q2 is on, the diode
charges the capacitor to CPOUT. When Q1 comes on, its
source rises to VIN, and the cap hauls PVCC1 up to (CPOUT
+ VIN), adequate to fully turn on Q1. When Q1 turns back
off, PVCC1 drops back down to CPOUT; fortunately, we’re
not interested in turning Q1 on at this point, so the lower
voltage doesn’t cause problems. The next time Q1 comes
on, PVCC1 bounces back up to (CPOUT + VIN), keeping Q1
happy. Figure 4 shows a complete power supply circuit for
the LTC1649.
Figure 4. LTC1649 Power Supplies
APPLICATIONS INFORMATION
DRIVE
CIRCUITRY
VCC
CHARGE
PUMP
VIN
LTC1649
CPOUT
PVCC2
10
µF
PVCC1
Q1
L1
Q2
G1
G2
VIN
COUT
VOUT
1649 F04
+
CIN
+
+
10
µF
*OPTIONAL
FOR VIN ≥ 5V
22
Ω
+
1
µF
1
µF
C+
C–
DCP
D5*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com