Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1649CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1649CS
Description  3.3V Input High Power Step-Down Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1649CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1649CS Datasheet HTML 3Page - Linear Technology LTC1649CS Datasheet HTML 4Page - Linear Technology LTC1649CS Datasheet HTML 5Page - Linear Technology LTC1649CS Datasheet HTML 6Page - Linear Technology LTC1649CS Datasheet HTML 7Page - Linear Technology LTC1649CS Datasheet HTML 8Page - Linear Technology LTC1649CS Datasheet HTML 9Page - Linear Technology LTC1649CS Datasheet HTML 10Page - Linear Technology LTC1649CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1649
APPLICATIONS INFORMATION
MOSFET Gate Drive
The LTC1649 is designed to operate from supplies as low
as 2.7V while using standard 5V logic-level N-channel
external MOSFETs. This poses somewhat of a challenge—
from as little as 2.7V, the LTC1649 must provide a 0V to
5V signal to the lower MOSFET, Q2, while the upper
MOSFET, Q1, requires a gate drive signal that swings from
0V to (VIN + 5V). The LTC1649 addresses this situation
with two specialized circuits. An onboard charge pump
boosts the input voltage at VIN to a regulated 5V at CPOUT.
This 5V supply is used to power the PVCC2 pin, which in
turn supplies 5V gate drive to Q2. This 5V supply is also
used to power the VCC pin, which allows the internal drive
circuitry to interface to the boosted driver supplies.
Gate drive for the top N-channel MOSFET, Q1, is supplied
by PVCC1. This supply must reach VIN + 5V while Q1 is on.
Conveniently, the switching node at the source of Q1 rises
to VIN whenever Q1 is on. The LTC1649 uses this fact to
generate the required voltage at PVCC1 with a simple
external charge pump as shown in Figure 2. This circuit
charges the flying capacitor C2 to the 5V level at CPOUT
when the switching node is low. As the top MOSFET turns
on, the switching node begins to rise to VIN, and the PVCC1
is pulled up to VIN + 5V by C2. The 93% maximum duty
cycle (typical) means the switching node at the source of
Q1 will return to ground during at least 7% of each cycle,
ensuring that the charge pump will always provide ad-
equate gate drive to Q1.
Synchronous Operation
The LTC1649 uses a synchronous switching architecture,
with MOSFET Q2 taking the place of the diode in a classic
buck circuit (Figure 3). This improves efficiency by reduc-
ing the voltage drop and the resultant power dissipation
across Q2 to VON = (I)(RDS(ON)(Q2)), usually much lower
than VF of the diode in the classical circuit. This more than
offsets the additional gate drive required by the second
MOSFET, allowing the LTC1649 to achieve efficiencies in
the mid-90% range for a wide range of load currents.
Another feature of the synchronous architecture is that
unlike a diode, Q2 can conduct current in either direction.
This allows the output of a typical LTC1649 circuit to sink
current as well as sourcing it while remaining in regula-
tion. The ability to sink current at the output allows the
LTC1649 to be used with reactive or other nonconventional
loads that may supply current to the regulator as well as
drawing current from it.
Figure 2. PVCC1 Charge Pump
Figure 3b. Synchronous Buck Architecture
Figure 3a. Classical Buck Architecture
LTC1649
CPOUT
PVCC2
PVCC1
Q1
L1
Q2
G1
G2
VIN
COUT
VOUT
1649 F02
+
10
µF
+
1
µF
DCP
Q1
D1
VIN
VOUT
CONTROLLER
1649 F03a
Q1
VIN
VOUT
CONTROLLER
Q2
1649 F03b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com