Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM7P06CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM7P06CPROG
Description  60V P-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM7P06CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM7P06CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM7P06CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM7P06CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM7P06CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM7P06CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TSM7P06CP
60V P-Channel Power MOSFET
1/5
Version: A14
TO-252
Key Parameter Performance
Parameter
Value
Unit
VDS
-60
V
RDS(on) (max)
VGS = -10V
180
m
Ω
VGS = -4.5V
220
Qg
8.2
nC
Ordering Information
Part No.
Package
Packing
TSM7P06CP ROG
TO-252
2.5kpcs / 13
” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds
Block Diagram
P-Channel MOSFET
Absolute Maximum Ratings (TC=25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
TC = 25ºC
ID
-7
A
TC = 100ºC
-4.4
A
Pulsed Drain Current
(Note 1)
IDM
-28
A
Single Pulse Avalanche Energy
(Note 2)
EAS
32
mJ
Single Pulse Avalanche Current
(Note 1)
IAS
-8
A
Power Dissipation @ TC = 25
oC
PD
15.6
W
Operating Junction Temperature
TJ
150
ºC
Storage Temperature Range
TSTG
-50 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
RӨJC
8
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
62
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM7P06CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7P06CP TSC-TSM7P06CP Datasheet
344Kb / 5P
60V P-Channel Power MOSFET
More results

Similar Description - TSM7P06CPROG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT15P06 UTC-UTT15P06 Datasheet
131Kb / 3P
15A, 60V P-CHANNEL POWER MOSFET
UTT18P06 UTC-UTT18P06 Datasheet
133Kb / 3P
18.3A, 60V P-CHANNEL POWER MOSFET
UTT30P06 UTC-UTT30P06 Datasheet
135Kb / 3P
60V, 30A P-CHANNEL POWER MOSFET
UTT80P06 UTC-UTT80P06 Datasheet
129Kb / 3P
80A, 60V P-CHANNEL POWER MOSFET
UTT120P06 UTC-UTT120P06 Datasheet
131Kb / 3P
120A, 60V P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM480P06 TSC-TSM480P06 Datasheet
891Kb / 9P
60V P-Channel Power MOSFET
TSM2309 TSC-TSM2309 Datasheet
327Kb / 5P
60V P-Channel Power MOSFET
TSM7P06CP TSC-TSM7P06CP Datasheet
344Kb / 5P
60V P-Channel Power MOSFET
logo
TECH PUBLIC Electronics...
FDN5618P TECHPUBLIC-FDN5618P Datasheet
3Mb / 5P
60V P-Channel Power MOSFET
LP2309LT1G TECHPUBLIC-LP2309LT1G Datasheet
2Mb / 5P
60V P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com