Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1657IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1657IGN
Description  Parallel 16-Bit Rail-to-Rail Micropower DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1657IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1657IGN Datasheet HTML 4Page - Linear Technology LTC1657IGN Datasheet HTML 5Page - Linear Technology LTC1657IGN Datasheet HTML 6Page - Linear Technology LTC1657IGN Datasheet HTML 7Page - Linear Technology LTC1657IGN Datasheet HTML 8Page - Linear Technology LTC1657IGN Datasheet HTML 9Page - Linear Technology LTC1657IGN Datasheet HTML 10Page - Linear Technology LTC1657IGN Datasheet HTML 11Page - Linear Technology LTC1657IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1657
TYPICAL APPLICATIO S
This circuit shows a digitally programmable current source
from an external voltage source using an external op amp,
an LT1218 and an NPN transistor (2N3440). Any digital
word from 0 to 65535 is loaded into the LTC1657 and its
output correspondingly swings from 0V to 4.096V. This
voltage will be forced across the resistor RA. If RA is
chosen to be 412
Ω, the output current will range from
0mA at zero scale to 10mA at full scale. The minimum
voltage for VS is determined by the load resistor RL and
Q1’s VCESAT voltage. With a load resistor of 50Ω, the
voltage source can be 5V.
0.1
µF
5V
1657 TA04
5V < VS < 100V
FOR RL ≤ 50Ω
Q1
2N3440
RA
412
Ω
1%
RL
IOUT =
≈ 0mA TO 10mA
(DIN)(4.096)
(65536)(RA)
DATA (0:15)
CSLSB
CSMSB
WR
LDAC
CLR
GND
VCC
REFOUT
REFHI
REFLO
X1/X2
LTC1657
µP
7
6
4
26
21
20
22
23
25
3
5:19
2
3
1
28
27
2
VOUT
–
+
LT1218
Digitally Programmable Current Source
A Wide Swing, Bipolar Output 16-Bit DAC
This circuit shows how to make a bipolar output 16-bit
DAC with a wide output swing using an LTC1657 and an
LT1077. R1 and R2 resistively divide down the LTC1657
output and an offset is summed in using the LTC1657
onboard 2.048V reference and R3 and R4. R5 ensures that
the onboard reference is always sourcing current and
never has to sink any current even when VOUT is at full
scale. The LT1077 output will have a wide bipolar output
swing of – 4.096V to 4.096V as shown in the figure below.
With this output swing, 1LSB = 125
µV.
DATA (0:15)
CSLSB
CSMSB
WR
LDAC
CLR
0.1
µF
24
25
7
6
4
26
21
20
22
23
3
5:19
2
3
1
28
27
2
VCC
VOUT
GND
REFHI REFOUT
REFLO
X1/X2
R1
100k
1%
5V
LTC1657
1657 TA05
–
+
LT1077
5V
–5V
R2
200k
1%
R3
100k
1%
R5
100k
1%
R4
200k
1%
(2)(DIN)(4.096)
65536
VOUT:
– 4.096V
DIN
VOUT
4.096
– 4.096
32768
0
65535
TRANSFER CURVE
µP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com