Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1657IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1657IGN
Description  Parallel 16-Bit Rail-to-Rail Micropower DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1657IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC1657IGN Datasheet HTML 1Page - Linear Technology LTC1657IGN Datasheet HTML 2Page - Linear Technology LTC1657IGN Datasheet HTML 3Page - Linear Technology LTC1657IGN Datasheet HTML 4Page - Linear Technology LTC1657IGN Datasheet HTML 5Page - Linear Technology LTC1657IGN Datasheet HTML 6Page - Linear Technology LTC1657IGN Datasheet HTML 7Page - Linear Technology LTC1657IGN Datasheet HTML 8Page - Linear Technology LTC1657IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1657
TYPICAL PERFOR A CE CHARACTERISTICS
DIGITAL INPUT CODE
0
16384
32768
49152
65535
1657 G01
1.0
0.8
0.6
0.4
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
DIGITAL INPUT CODE
0
16384
32768
49152
65535
1657 G02
5
4
3
2
1
0
–1
–2
–3
–4
–5
LOAD CURRENT (mA)
05
10
1657 G03
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
CODE ALL 1’S
∆VOUT ≤ 1LSB
125
°C
25
°C
–55
°C
OUTPUT SINK CURRENT (mA)
0
510
15
1657 G04
1.2
1.0
0.8
0.6
0.4
0.2
0
CODE ALL 0’S
∆VOUT ≤ 1LSB
125
°C
25
°C
–55
°C
TEMPERATURE (
°C)
–55
–25
5
35
65
95
125
1657 G05
4.110
4.105
4.100
4.095
4.090
4.085
4.080
TEMPERATURE (
°C)
–55
–10
35
80
125
1657 G06
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
LOGIC INPUT VOLTAGE (V)
0
1
2
3
4
5
1657 G07
8
7
6
5
4
3
2
1
0
TEMPERATURE (
°C)
–55 –35 –15
5
25
45
65
85 105 125
1657 G08
700
680
660
640
620
600
580
560
540
520
500
VCC = 5.5V
VCC = 5V
VCC = 4.5V
Differential Nonlinearity
Integral Nonlinearity
Minimum Supply Headroom for
Full Output Swing vs Load Current
Minimum Output Voltage vs
Output Sink Current
Full-Scale Voltage vs
Temperature
Offset Error vs Temperature
Supply Current vs Logic Input
Voltage
Supply Current vs Temperature
TIME (20
µs/DIV)
1657 G09
5
4
3
2
1
0
VOUT UNLOADED
TA = 25°C
Large-Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com