Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1660C Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1660C
Description  Micropower Octal 8-Bit and 10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1660C Datasheet(HTML) 1 Page - Linear Technology

  LTC1660C Datasheet HTML 1Page - Linear Technology LTC1660C Datasheet HTML 2Page - Linear Technology LTC1660C Datasheet HTML 3Page - Linear Technology LTC1660C Datasheet HTML 4Page - Linear Technology LTC1660C Datasheet HTML 5Page - Linear Technology LTC1660C Datasheet HTML 6Page - Linear Technology LTC1660C Datasheet HTML 7Page - Linear Technology LTC1660C Datasheet HTML 8Page - Linear Technology LTC1660C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1665/LTC1660
Micropower Octal
8-Bit and 10-Bit DACs
The 8-bit LTC
®1665 and 10-bit LTC1660 integrate eight
accurate, serially addressable digital-to-analog convert-
ers (DACs) in tiny 16-pin narrow SSOP packages. Each
buffered DAC draws just 56
µA total supply current, yet is
capable of supplying DC output currents in excess of
5mA and reliably driving capacitive loads to 1000pF.
Sleep mode further reduces total supply current to 1
µA.
Linear Technology’s proprietary, inherently monotonic
voltage interpolation architecture provides excellent lin-
earity while allowing for an exceptionally small external
form factor.
Ultralow supply current, power-saving Sleep mode and
extremely compact size make the LTC1665 and LTC1660
ideal for battery-powered applications, while their ease of
use, high performance and wide supply range make them
excellent choices as general purpose converters.
s
Tiny: 8 DACs in the Board Space of an SO-8
s
Micropower: 56
µA per DAC Plus
1
µA Sleep Mode for Extended Battery Life
s
Pin Compatible 8-Bit LTC1665 and 10-Bit LTC1660
s
Wide 2.7V to 5.5V Supply Range
s
Rail-to-Rail Voltage Outputs Drive 1000pF
s
Reference Range Includes Supply for Ratiometric
0V-to-VCC Output
s
Reference Input Impedance is Constant—
Eliminates External Buffer
s
Mobile Communications
s
Remote Industrial Devices
s
Automatic Calibration for Manufacturing
s
Portable Battery-Powered Instruments
s
Trim/Adjust Applications
LTC1665 Differential Nonlinearity (DNL)
FEATURES
DESCRIPTIO
APPLICATIO S
BLOCK DIAGRA
2
15
1
GND
VOUT A
VOUT B
VOUT C
VOUT D
REF
CS/LD
SCK
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CLR
DOUT
DIN
1665/60 BD
16
DAC A
DAC H
3
14
DAC B
DAC G
4
13
DAC C
DAC F
5
7
6
8
10
11
9
12
DAC D
DAC E
ADDRESS
DECODER
CONTROL
LOGIC
SHIFT REGISTER
CODE
0
64
128
192
255
1665/60 G09
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
VCC = 5V
VREF = 4.096V
CODE
0
256
512
768
1023
1665/60 G13
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
VCC = 5V
VREF = 4.096V
LTC1660 Differential Nonlinearity (DNL)
, LTC and LT are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC1660C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1660 LINER-LTC1660 Datasheet
234Kb / 18P
Micropower Octal 8-Bit and 10-Bit DACs
LTC1660 LINER-LTC1660_15 Datasheet
234Kb / 18P
Micropower Octal 8-Bit and 10-Bit DACs
More results

Similar Description - LTC1660C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7391 AD-AD7391 Datasheet
342Kb / 12P
3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV.0
AD7392 AD-AD7392 Datasheet
199Kb / 11P
3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV.A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
logo
Linear Technology
LTC1660 LINER-LTC1660_15 Datasheet
234Kb / 18P
Micropower Octal 8-Bit and 10-Bit DACs
LTC1665 LINER-LTC1665_15 Datasheet
234Kb / 18P
Micropower Octal 8-Bit and 10-Bit DACs
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
Octal 12-/10-/8-Bit I2C VOUT DACs Reference
LTC2636 AD-LTC2636 Datasheet
400Kb / 24P
Octal 12-/10-/8-Bit SPI VOUT DACs
04/18-REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com