Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1660C Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1660C
Description  Micropower Octal 8-Bit and 10-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1660C Datasheet(HTML) 4 Page - Linear Technology

  LTC1660C Datasheet HTML 1Page - Linear Technology LTC1660C Datasheet HTML 2Page - Linear Technology LTC1660C Datasheet HTML 3Page - Linear Technology LTC1660C Datasheet HTML 4Page - Linear Technology LTC1660C Datasheet HTML 5Page - Linear Technology LTC1660C Datasheet HTML 6Page - Linear Technology LTC1660C Datasheet HTML 7Page - Linear Technology LTC1660C Datasheet HTML 8Page - Linear Technology LTC1660C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1665/LTC1660
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t6
LSB SCK High to CS/LD High
(Note 6)
q
50
5
ns
t7
CS/LD Low to SCK High
(Note 6)
q
100
27
ns
t8
DOUT Propagation Delay
CLOAD = 15pF (Note 6)
q
5
47
150
ns
t9
SCK Low to CS/LD Low
(Note 6)
q
30
0
ns
t10
CLR Pulse Width
(Note 6)
q
120
41
ns
t11
CS/LD High to SCK Positive Edge
(Note 6)
q
30
0
ns
SCK Frequency
Continuous Square Wave (Note 6)
q
3.85
MHz
Continuous 28% Duty Cycle Pulse
q
5.55
MHz
Gated Square Wave
q
10
MHz
TYPICAL PERFOR A CE CHARACTERISTICS
TI I G CHARACTERISTICS The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (See Figure 1)
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: Nonlinearity and monotonicity are defined from code 4 to code
255 for the LTC1665 and from code 20 to code 1023 for the LTC1660.
See Applications Information.
Note 3: Digital inputs at 0V or VCC.
Note 4: Load is 10k
Ω in parallel with 100pF.
Note 5: VCC = VREF = 5V. DAC switched between 0.1VFS and 0.9VFS,
i.e., codes 26 and 230 for the LTC1665 or codes 102 and 922 for the
LTC1660.
Note 6: Guaranteed by design and not production tested.
Note 7: Measured at code 4 for the LTC1665 and code 20 for the
LTC1660.
(LTC1665/LTC1660)
Midscale Output Voltage
vs Load Current
Midscale Output Voltage
vs Load Current
IOUT (mA)
–30
–20
–10
0
10
20
30
1665/60 G01
3
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2
VCC = 4.5V
VCC = 5V
VCC = 5.5V
VREF = VCC
CODE = 128 (LTC1665)
CODE = 512 (LTC1660)
SINK
SOURCE
IOUT (mA)
–15
– 4
–8
–12
0
4
8
12 15
1665/60 G02
2
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1
VCC = 2.7V
VCC = 3V
VCC = 3.6V
VREF = VCC
CODE = 128 (LTC1665)
CODE = 512 (LTC1660)
SINK
SOURCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com