Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1664IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1664IGN
Description  Micropower Quad 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1664IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC1664IGN Datasheet HTML 1Page - Linear Technology LTC1664IGN Datasheet HTML 2Page - Linear Technology LTC1664IGN Datasheet HTML 3Page - Linear Technology LTC1664IGN Datasheet HTML 4Page - Linear Technology LTC1664IGN Datasheet HTML 5Page - Linear Technology LTC1664IGN Datasheet HTML 6Page - Linear Technology LTC1664IGN Datasheet HTML 7Page - Linear Technology LTC1664IGN Datasheet HTML 8Page - Linear Technology LTC1664IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1664
TYPICAL PERFOR A CE CHARACTERISTICS
Large-Signal Step Response
TIME (
µs)
0
20406080
100
1664 G05
5
4
3
2
1
0
10% TO
90% STEP
VCC = VREF = 5V
02468
10
1664 G03
1400
1200
1000
800
600
400
200
0
–55
°C
25
°C
125
°C
VREF = 4.096V
∆VOUT < 1LSB
CODE = 1023
|I
OUT
| (mA) (Sourcing)
Minimum VOUT vs
Load Current (Output Sinking)
|I
OUT
| (mA) (Sinking)
02468
10
1664 G04
1400
1200
1000
800
600
400
200
0
–55
°C
25
°C
125
°C
VCC = 5V
CODE = 0
IOUT (mA)
–30
–20
–10
0
10
20
30
1664 G01
3
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2
VCC = 4.5V
VCC = 5V
VCC = 5.5V
VREF = VCC
CODE = 512
SINK
SOURCE
IOUT (mA)
–15
– 4
–8
–12
0
4
8
12 15
1664 G02
2
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1
VCC = 2.7V
VCC = 3V
VCC = 3.6V
VREF = VCC
CODE = 512
SINK
SOURCE
Load Regulation vs Output Current
Load Regulation vs Output Current
IOUT (mA)
–2
–1
0
1
2
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
1664 G09
VCC = VREF = 5V
CODE = 512
SINK
SOURCE
IOUT (µA)
–500
0
500
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
1664 G10
SINK
SOURCE
VCC = VREF = 3V
CODE = 512
Minimum Supply Headroom vs
Load Current (Output Sourcing)
Midscale Output Voltage
vs Load Current
Midscale Output Voltage
vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com