Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1664IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1664IGN
Description  Micropower Quad 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1664IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1664IGN Datasheet HTML 1Page - Linear Technology LTC1664IGN Datasheet HTML 2Page - Linear Technology LTC1664IGN Datasheet HTML 3Page - Linear Technology LTC1664IGN Datasheet HTML 4Page - Linear Technology LTC1664IGN Datasheet HTML 5Page - Linear Technology LTC1664IGN Datasheet HTML 6Page - Linear Technology LTC1664IGN Datasheet HTML 7Page - Linear Technology LTC1664IGN Datasheet HTML 8Page - Linear Technology LTC1664IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1664
Micropower Quad
10-Bit DAC
January 2000
The LTC
®1664 integrates four accurate, serially addres-
sable 10-bit digital-to-analog converters (DACs) in a tiny
16-pin Narrow SSOP package. Each buffered DAC draws
just 59
µA total supply current, yet is capable of supplying
DC output currents in excess of 5mA and reliably driving
capacitive loads of up to 1000pF. Sleep mode further
reduces total supply current to 1
µA.
Linear Technology’s proprietary, inherently monotonic
voltage interpolation architecture provides excellent lin-
earity while allowing for an exceptionally small external
form factor.
Ultralow supply current, power-saving Sleep mode and
extremely compact size make the LTC1664 ideal for
battery-powered applications, while its ease of use, high
performance and wide supply range make it an excellent
choice as a general purpose converter.
s
Tiny: 4 DACs in the Board Space of an SO-8
s
Micropower: 59
µA per DAC Plus
1
µA Sleep Mode for Extended Battery Life
s
Wide 2.7V to 5.5V Supply Range
s
Rail-to-Rail Voltage Outputs Drive 1000pF
s
Reference Range Includes Supply for Ratiometric
0V-to-VCC Output
s
Reference Input Has Constant Impedance over All
Codes—Eliminates External Reference Buffer
s
Individually Addressable DACs
s
Differential Nonlinearity:
≤ ±0.75LSB Max
s
Pin-Compatible Octal Version Available (LTC1660)
s
Mobile Communications
s
Remote Industrial Devices
s
Automatic Calibration for Manufacturing
s
Portable Battery-Powered Instruments
s
Trim/Adjust Applications
2
5
1
GND
VOUT A
VOUT B
REF
CS/LD
SCK
VCC
VOUT D
VOUT C
CLR
DOUT
DIN
1664 BD
16
10-BIT
DAC A
10-BIT
DAC D
3
4
10-BIT
DAC B
10-BIT
DAC C
7
6
8
10
11
9
ADDRESS
DECODER
CONTROL
LOGIC
SHIFT REGISTER
CODE
0
256
512
768
1023
1664 G08
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
VCC = 5V
VREF = 4.096V
LTC1664 Differential Nonlinearity (DNL)
, LTC and LT are registered trademarks of Linear Technology Corporation.
Final Electrical Specifications
APPLICATIO S
FEATURES
DESCRIPTIO
BLOCK DIAGRA
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC1664IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1664IGN LINER-LTC1664IGN Datasheet
179Kb / 16P
Micropower Quad 10-Bit DAC
More results

Similar Description - LTC1664IGN

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2604 WOLFSON-WM2604 Datasheet
103Kb / 10P
Quad 10-Bit Serial Input Voltage Output DAC
logo
Linear Technology
LTC1661 LINER-LTC1661 Datasheet
147Kb / 12P
Micropower Dual 10-Bit DAC in MSOP
LTC1669 LINER-LTC1669 Datasheet
193Kb / 12P
10-Bit Rail-to-Rail Micropower DAC with I2C Interface
LTC1664 LINER-LTC1664_1 Datasheet
179Kb / 16P
Micropower Quad 10-Bit DAC
logo
Agamem Microelectronic ...
AA88368 AGAMEM-AA88368 Datasheet
55Kb / 1P
10-BIT DAC
logo
Maxim Integrated Produc...
MAX5250BEAP-T MAXIM-MAX5250BEAP-T Datasheet
762Kb / 16P
Low-Power, Quad, 10-Bit Voltage-Output DAC
Rev 1; 10/02
logo
Linear Integrated Syste...
LTC1663-8IMS8 LINEAR-LTC1663-8IMS8 Datasheet
146Kb / 12P
10-Bit Rail-to-Rail Micropower DAC with
logo
Linear Technology
LTC1661 LINER-LTC1661_15 Datasheet
235Kb / 14P
Micropower Dual 10-Bit DAC in MSOP
LTC1664 LINER-LTC1664_15 Datasheet
233Kb / 16P
Micropower Quad 10-Bit DAC
LTC1427-50 LINER-LTC1427-50_15 Datasheet
211Kb / 8P
Micropower, 10-Bit Current Output DAC with SMBus Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com