Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1596CCSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1596CCSW
Description  Serial 16-Bit Multiplying DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1596CCSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1596CCSW Datasheet HTML 1Page - Linear Technology LTC1596CCSW Datasheet HTML 2Page - Linear Technology LTC1596CCSW Datasheet HTML 3Page - Linear Technology LTC1596CCSW Datasheet HTML 4Page - Linear Technology LTC1596CCSW Datasheet HTML 5Page - Linear Technology LTC1596CCSW Datasheet HTML 6Page - Linear Technology LTC1596CCSW Datasheet HTML 7Page - Linear Technology LTC1596CCSW Datasheet HTML 8Page - Linear Technology LTC1596CCSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1595/LTC1596/LTC1596-1
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VDD = 5V ±10%, VREF = 10V, VOUT1 = VOUT2 = AGND = 0V, TA = TMIN to TMAX, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gain Temperature Coefficient
(Note 4)
∆Gain/∆Temperature
q
1
2
ppm/
°C
ILEAKAGE
OUT1 Leakage Current
(Note 5) TA = 25°C
±3nA
TMIN to TMAX
q
±15
nA
Zero-Scale Error
TA = 25°C
±0.2
LSB
TMIN to TMAX
q
±1
LSB
PSRR
Power Supply Rejection
VDD = 5V ±10%
q
±1
±2
LSB/V
Reference Input
RREF
VREF Input Resistance
(Note 6)
q
5
7
10
k
Ω
AC Performance
Output Current Settling Time
(Notes 7, 8)
1
µs
Mid-Scale Glitch Impulse
Using LT1122 Op Amp, CFEEDBACK = 33pF
1
nV-s
Digital-to-Analog Glitch Impulse
Full-Scale Transition, VREF = 0V,
2
nV-s
Using LT1122 Op Amp, CFEEDBACK = 33pF
Multiplying Feedthrough Error
VREF = ±10V, 10kHz Sine Wave
1
mVP-P
THD
Total Harmonic Distortion
(Note 9)
108
dB
Equivalent DAC Thermal Noise
(Note 10) f = 1kHz
11
nV/
√Hz
Voltage Density
Analog Outputs (Note 4)
COUT
Output Capacitance (Note 4)
DAC Register Loaded to All 1s
COUT1
q
115
130
pF
DAC Register Loaded to All 0s
COUT1
q
70
80
pF
Digital Inputs
VIH
Digital Input High Voltage
q
2.4
V
VIL
Digital Input Low Voltage
q
0.8
V
IIN
Digital Input Current
q
0.001
±1
µA
CIN
Digital Input Capacitance
(Note 4) VIN = 0V
q
8pF
Digital Outputs: SRO (LTC1596/LTC1596-1)
VOH
Digital Output High Voltage
IOH = 200µA
q
4V
VOL
Digital Output Low Voltage
IOL = 1.6mA
q
0.4
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Timing Characteristics (LTC1595)
tDS
Serial Input to CLK Setup Time
q
30
5
ns
tDH
Serial Input to CLK Hold Time
q
30
5
ns
DNL
Differential
TA = 25°C
±0.2
± 1
±1
±2
LSB
Nonlinearity
TMIN to TMAX
q
±0.2
±1
±1
±2
LSB
GE
Gain Error
(Note 3) TA = 25°C2
±16
±16
±32
LSB
TMIN to TMAX
q
3
±16
±32
±32
LSB
LTC1595C/96C/96-1C
LTC1595B/96B/96-1B
LTC1595A/96A/96-1A
VDD = 5V ±10%, VREF = 10V, VOUT1 = VOUT2 = AGND = 0V, TA = TMIN to TMAX, unless otherwise noted.
VDD = 5V ±10%, VREF = 10V, VOUT1 = GND = 0V, TA = TMIN to TMAX, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com