Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1596CCSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1596CCSW
Description  Serial 16-Bit Multiplying DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1596CCSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1596CCSW Datasheet HTML 3Page - Linear Technology LTC1596CCSW Datasheet HTML 4Page - Linear Technology LTC1596CCSW Datasheet HTML 5Page - Linear Technology LTC1596CCSW Datasheet HTML 6Page - Linear Technology LTC1596CCSW Datasheet HTML 7Page - Linear Technology LTC1596CCSW Datasheet HTML 8Page - Linear Technology LTC1596CCSW Datasheet HTML 9Page - Linear Technology LTC1596CCSW Datasheet HTML 10Page - Linear Technology LTC1596CCSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1595/LTC1596/LTC1596-1
SRI
LD
PREVIOUS
WORD
D15
MSB
D14
D1
1595 TD
D0
LSB
tDS
tDH
tCH
tSRI
tASB
tCL
tLD
CLK INPUT
TRUTH TABLES
Table 1. LTC1596/LTC1596-1 Input Register
CONTROL INPUTS
STB1 STB2 STB3 STB4
Input Register and SRO Operation
0
1
0
Serial Data Bit on SRI Loaded into Input
0
1
0
Register, MSB First
0
0
0
Data Bit or SRI Appears on SRO Pin
0
0
1
After 16 Clocked Bits
1
X
X
X
No Input Register Operation
X
1
X
X
No SRO Operation
X
X0X
XXX
1
Table 2. LTC1596/LTC1596-1 DAC Register
CONTROL INPUTS
CLR
LD1
LD2
DAC Register Operation
0
X
X
Reset DAC Register and Input Register to
All 0s (LTC1596) or to Midscale (LTC1596-1)
(Asynchronous Operation)
1
1
X
No DAC Register Operation
1X1
1
0
0
Load DAC Register with the Contents of Input
Register
TI I G DIAGRA
(LTC1595)
112k
7k
112k
56k
112k
56k
112k
56k
56k
56k
DECODER
D15
(MSB)
D13
D14
D12
D11
D0
(LSB)
CLK
IN
LOAD
VDD
VREF
RFB
OUT1
GND
SRI
6
1595 BD
DAC REGISTER
56k
56k
56k
56k
INPUT 16-BIT SHIFT REGISTER
5
8
1
LD
7
CLK
4
3
2
• • •
BLOCK DIAGRA
(LTC1595)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com