Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1702IGN Datasheet(PDF) 23 Page - Linear Technology

Part # LTC1702IGN
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702IGN Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC1702IGN Datasheet HTML 19Page - Linear Technology LTC1702IGN Datasheet HTML 20Page - Linear Technology LTC1702IGN Datasheet HTML 21Page - Linear Technology LTC1702IGN Datasheet HTML 22Page - Linear Technology LTC1702IGN Datasheet HTML 23Page - Linear Technology LTC1702IGN Datasheet HTML 24Page - Linear Technology LTC1702IGN Datasheet HTML 25Page - Linear Technology LTC1702IGN Datasheet HTML 26Page - Linear Technology LTC1702IGN Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23
LTC1702
Finally, choose a convenient resistor value for R1 (10k is
usually a good value). Now calculate the remaining values:
(K is a constant used in the calculations)
ƒ = chosen crossover frequency
G = 10(GAIN/20) (this converts GAIN in dB to G in absolute
gain)
Type 2 Loop:
K
Tan
BOOST
C
GKR
CC K
R
K
C
R
VR
VV
B
REF
OUT
REF
=+ °


=
πƒ
=
()
=
πƒ
=
()
2
45
2
1
21
12
1
2
21
1
2 –
–
Type 3 Loop:
K
Tan
BOOST
C
GR
CC K
R
K
C
R
R
K
C
KR
R
VR
VV
B
REF
OUT
REF
=+ °


=
πƒ
=
()
=
πƒ
= ()
=
πƒ
=
()
2
4
45
2
1
21
12
1
2
21
3
1
1
3
1
23
1
–
–
–
APPLICATIONS INFORMATION
nodes don’t corrupt the measurements or damage the
analyzer.
If breadboard measurement is not practical, a SPICE
simulation can be used to generate approximate gain/
phase curves. Plug the expected capacitor, inductor and
MOSFET values into the following SPICE deck and gener-
ate an AC plot of V(VOUT)/V(COMP) in dB and phase of
V(OUT) in degrees. Refer to your SPICE manual for details
of how to generate this plot.
*1702 modulator gain/phase
*©1999 Linear Technology
*this file written to run with PSpice 8.0
*may require modifications for other SPICE
simulators
*MOSFETs
rfet mod sw 0.02
;MOSFET rdson
*inductor
lext sw out1 1u
;inductor value
rl out1 out 0.005
;inductor series R
*output cap
cout out out2 1000u
;capacitor value
resr out2 0 0.01
;capacitor ESR
*1702 internals
emod mod 0 comp 0 5
;3.3 for 3.3V supply
vstim comp 0 0 ac 1
;ac stimulus
.ac dec 100 1k 1meg
.probe
.end
With the gain/phase plot in hand, a loop crossover fre-
quency can be chosen. Usually the curves look something
like Figure 8. Choose the crossover frequency in the rising
or flat parts of the phase curve, beyond the external LC
poles. Frequencies between 10kHz and 50kHz usually
work well. Note the gain (GAIN, in dB) and phase (PHASE,
in degrees) at this point. The desired feedback amplifier
gain will be – GAIN to make the loop gain 0dB at this
frequency. Now calculate the needed phase boost, assum-
ing 60
° as a target phase margin:
BOOST = – (PHASE + 30
°)
If the required BOOST is less than 60
°, a type 2 loop can
be used successfully, saving two external components.
BOOST values greater than 60
° usually require type 3
loops for satisfactory performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com