Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1702IGN Datasheet(PDF) 31 Page - Linear Technology

Part # LTC1702IGN
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702IGN Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC1702IGN Datasheet HTML 27Page - Linear Technology LTC1702IGN Datasheet HTML 28Page - Linear Technology LTC1702IGN Datasheet HTML 29Page - Linear Technology LTC1702IGN Datasheet HTML 30Page - Linear Technology LTC1702IGN Datasheet HTML 31Page - Linear Technology LTC1702IGN Datasheet HTML 32Page - Linear Technology LTC1702IGN Datasheet HTML 33Page - Linear Technology LTC1702IGN Datasheet HTML 34Page - Linear Technology LTC1702IGN Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
31
LTC1702
it goes out of spec. Similarly, at full load, the output current
can only decrease, causing a positive shift in the output
voltage; the initial low value allows it to rise further before
the spec is exceeded. The primary benefit of voltage
positioning is it increases the allowable ESR of the output
capacitors, saving cost. An additional bonus is that at
maximum load, the output voltage is near the minimum
allowable, decreasing the power dissipated in the load.
Implementing voltage positioning is as simple as creating
an intentional resistance in the output path to generate the
required voltage drop. This resistance can be a low value
resistor, a length of PCB trace, or even the parasitic
resistance of the inductor if an appropriate filter is used. If
the LTC1702 senses the output voltage upstream from the
resistance (Figure 17), the output voltage will move with
load as I • R, where I is the load current and R is the value
of the resistance. If the feedback network is then reset to
regulate near the upper edge of the specified tolerance, the
output voltage will ride high when ILOAD is low and will ride
low when ILOAD is high. Compared to a traditional regula-
tor, a voltage positioning regulator can theoretically stand
as much as twice the ESR drop across the output capacitor
while maintaining output voltage regulation. This means
smaller, cheaper output capacitors can be used while
keeping the output voltage within acceptable limits.
Measurement Techniques
Measuring transient response presents a challenge in
two respects: obtaining an accurate measurement and
generating a suitable transient to use to test the circuit.
Output measurements should be taken with a scope
probedirectly across the output capacitor. Proper high
frequency probing techniques should be used. In particu-
lar, don’t use the 6" ground lead that comes with the
probe! Use an adapter that fits on the tip of the probe and
has a short ground clip to ensure that inductance in the
ground path doesn’t cause a bigger spike than the tran-
sient signal being measured. Conveniently, the typical
probe tip ground clip is spaced just right to span the leads
of a typical output capacitor. In general, it is best to take
this measurement with the 20MHz bandwidth limit on the
oscilloscope turned on to limit high frequency noise. Note
that microprocessor manufacturers typically specify ripple
≤20MHz, as energy above 20MHz is generally radiated
and not conducted and will not affect the load even if it
appears at the output capacitor.
Now that we know how to measure the signal, we need to
have something to measure. The ideal situation is to use
the actual load for the test, and switch it on and off while
watching the output. If this isn’t convenient, a current step
generator is needed. This generator needs to be able to
turn on and off in nanoseconds to simulate a typical
switching logic load, so stray inductance and long clip
leads between the LTC1702 and the transient generator
must be minimized.
Figure 18 shows an example of a simple transient genera-
tor. Be sure to use a noninductive resistor as the load
element—many power resistors use an inductive spiral
pattern and are not suitable for use here. A simple solution
is to take ten 1/4W film resistors and wire them in parallel
to get the desired value. This gives a noninductive resistive
load which can dissipate 2.5W continuously or 50W if
pulsed with a 5% duty cycle, enough for most LTC1702
circuits. Solder the MOSFET and the resistor(s) as close to
the output of the LTC1702 circuit as possible and set up
the signal generator to pulse at a 100Hz rate with a 5% duty
cycle. This pulses the LTC1702 with 500
µs transients
10ms apart, adequate for viewing the entire transient
recovery time for both positive and negative transitions
while keeping the load resistor cool.
APPLICATIONS INFORMATION
Figure 18. Transient Load Generator
LTC1702
PULSE
GENERATOR
1702 F18
IRFZ44 OR
EQUIVALENT
50
Ω
0V TO 10V
100Hz, 5%
DUTY CYCLE
VOUT
RLOAD
LOCATE CLOSE
TO THE OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com