Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77016 Datasheet(PDF) 1 Page - NEC

Part # UPD77016
Description  16 bits, Fixed-point Digital Signal Processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77016 Datasheet(HTML) 1 Page - NEC

  UPD77016 Datasheet HTML 1Page - NEC UPD77016 Datasheet HTML 2Page - NEC UPD77016 Datasheet HTML 3Page - NEC UPD77016 Datasheet HTML 4Page - NEC UPD77016 Datasheet HTML 5Page - NEC UPD77016 Datasheet HTML 6Page - NEC UPD77016 Datasheet HTML 7Page - NEC UPD77016 Datasheet HTML 8Page - NEC UPD77016 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
MOS INTEGRATED CIRCUIT
µPD77016
16 bits, Fixed-point Digital Signal Processor
The information in this document is subject to change without notice.
µPD77016 is a 16 bits fixed-point DSP (Digital Signal Processor) developed for digital signal processing with its
demand for high speed and precision.
FEATURES
• FUNCTIONS
• Instruction cycle: 30 ns (MIN.) with 33 MHz clock
• Dual load/store
• Hardware loop function
• Conditional execution
• Executes product-sum operation in one instruction cycle
• PROGRAMMING
• 16 bits
× 16 bits + 40 bits → 40 bits multiply accumulator
• 8 general registers (40 bits each)
• 8 ROM/RAM data pointer: each data memory area has 4 registers
• 10 source interrupts (external: 4, internal: 6)
• 3 operand instructions (example: R0 = R0 +R1L
∗R2L)
• Nonpipeline on execution stage
• MEMORY AREAS
• Program memory area: 64K words
× 32 bits
• Two independent data memory areas: 64K words
× 16 bits (X/Y memory)
• ON-CHIP PERIPHERAL
• I/O port: 4 bits
• Serial I/O (16 bits): 2 channels
• CMOS
• +5 V single power supply
ORDERING INFORMATION
Part Number
Package
µPD77016GM-KMD 160-pin plastic QFP (FINE PITCH) (24 × 24 mm)
The mark
shows major revised points.
Document No. U10891EJ5V0DS00 (5th edition)
Date Published April 1998 N CP(K)
Printed in Japan
©
1992, 1994, 1995
DATA SHEET


Similar Part No. - UPD77016

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD77016 RENESAS-UPD77016 Datasheet
445Kb / 58P
MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD77016

ManufacturerPart #DatasheetDescription
logo
NEC
UPD77015 NEC-UPD77015 Datasheet
424Kb / 60P
16 bits, Fixed-point Digital Signal Processor
UPD77018A NEC-UPD77018A Datasheet
361Kb / 56P
16 bits, Fixed-point Digital Signal Processor
UPD77019-013 NEC-UPD77019-013 Datasheet
261Kb / 56P
16 bits, Fixed-point Digital Signal Processor
logo
Texas Instruments
TMS320LC549 TI-TMS320LC549 Datasheet
791Kb / 61P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5410 TI-TMS320VC5410 Datasheet
1Mb / 79P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320VC5420 TI-TMS320VC5420 Datasheet
1Mb / 77P
FIXED-POINT DIGITAL SIGNAL PROCESSOR
logo
Zilog, Inc.
Z89462 ZILOG-Z89462 Datasheet
104Kb / 8P
16-BIT, FIXED-POINT DIGITAL SIGNAL PROCESSOR
logo
NEC
UPD77115 NEC-UPD77115 Datasheet
475Kb / 56P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
UPD77210 NEC-UPD77210 Datasheet
467Kb / 74P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
logo
Renesas Technology Corp
PD77210 RENESAS-PD77210_15 Datasheet
575Kb / 76P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com