Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM70N10CPROG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM70N10CPROG
Description  100V N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM70N10CPROG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM70N10CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM70N10CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM70N10CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM70N10CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM70N10CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM70N10CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM70N10CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM70N10CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSM70N10
100V N-Channel Power MOSFET
2/8
Version: D14
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance - Junction to Case
RӨJC
1
oC/W
Thermal Resistance - Junction to Ambient
RӨJA
40
oC/W
Electrical Specifications (TJ=25
oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
100
--
--
V
Drain-Source On-State Resistance
VGS = 10V, ID = 30A
RDS(ON)
--
10
13
mΩ
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
2
3
4
V
Zero Gate Voltage Drain Current
VDS = 80V, VGS = 0V
IDSS
--
--
1
µA
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Dynamic
Total Gate Charge
VDS = 50V, ID = 30A,
VGS = 10V
Qg
--
145
--
nC
Gate-Source Charge
Qgs
--
25
--
Gate-Drain Charge
Qgd
--
43
--
Input Capacitance
VDS = 30V, VGS = 0V,
f = 1.0MHz
Ciss
--
4300
--
pF
Output Capacitance
Coss
--
300
--
Reverse Transfer Capacitance
Crss
--
120
--
Switching
Turn-On Delay Time
VGS = 10V, VDS = 50V,
RG = 3Ω
td(on)
--
27
--
ns
Turn-On Rise Time
tr
--
13
--
Turn-Off Delay Time
td(off)
--
15
--
Turn-Off Fall Time
tf
--
42
--
Drain-Source Diode Characteristics and Maximum Rating
Drain-Source Diode Forward
Voltage
VGS=0V, IS=30A
VSD
--
0.8
1.3
V
Reverse Recovery Time
IS = 30A, TJ=25
oC
dI/dt = 100A/µs
trr
--
165
--
ns
Reverse Recovery Charge
Qrr
--
175
--
nC
Notes:
1.
Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2%.
2.
RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case thermal reference
is defined at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is
determined by the user’s board design. RӨJA shown below for single device operation on FR-4 PCB in still air
3.
The maximum current is limited by package.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com