Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM70N10CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM70N10CPROG
Description  100V N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM70N10CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM70N10CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM70N10CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM70N10CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM70N10CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM70N10CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM70N10CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM70N10CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM70N10CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSM70N10
100V N-Channel Power MOSFET
1/8
Version: D14
TO-252
(DPAK)
TO-251
(IPAK)
Key Parameter Performance
Parameter
Value
Unit
VDS
100
V
RDS(on)(max)
13
mΩ
Qg
145
nC
TO-251S
(IPAK SL)
Ordering Information
Part No.
Package
Packing
TSM70N10CP ROG
TO-252
2.5kpcs / 13” Reel
TSM70N10CH C5G
TO-251
75pcs / Tube
TSM70N10CH X0G
TO-251S
75pcs / Tube
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Block Diagram
N-Channel MOSFET
Absolute Maximum Ratings (TA=25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
(Note 3)
TC=25°C
ID
70
A
TC=70°C
61
TA=25°C
12
TA=70°C
9
Drain Current-Pulsed
(Note 1)
IDM
150
A
Avalanche Current, L=0.5mH
IAS, IAR
25
A
Avalanche Energy, L=0.5mH
EAS, EAR
156
mJ
Maximum Power Dissipation
(Note 2)
TC=25°C
PD
120
W
TC=70°C
80
TA=25°C
8.3
TA=70°C
5.3
Storage Temperature Range
TSTG
-55 to +150
°C
Operating Junction Temperature Range
TJ
-55 to +150
°C
Pin Definition:
1. Gate
2. Drain
3. Source


Similar Part No. - TSM70N10CPROG

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
TSM70N10CP DOINGTER-TSM70N10CP Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
More results

Similar Description - TSM70N10CPROG

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF540 UTC-UF540 Datasheet
156Kb / 3P
27A, 100V N-CHANNEL POWER MOSFET
UF3710 UTC-UF3710 Datasheet
239Kb / 6P
57A, 100V N-CHANNEL POWER MOSFET
UTT30N10 UTC-UTT30N10 Datasheet
181Kb / 5P
30A, 100V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM70N10 TSC-TSM70N10 Datasheet
383Kb / 6P
100V N-Channel Power MOSFET
TSM85N10 TSC-TSM85N10 Datasheet
68Kb / 4P
100V N-Channel Power MOSFET
TSM35N10 TSC-TSM35N10 Datasheet
356Kb / 6P
100V N-Channel Power MOSFET
TSM160N10 TSC-TSM160N10 Datasheet
486Kb / 6P
100V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
15N10 DYELEC-15N10 Datasheet
1Mb / 8P
100V N-Channel Power MOSFET
logo
Shenzhen Foster Semicon...
FIR170N10PG FOSTER-FIR170N10PG Datasheet
3Mb / 4P
100V N-Channel Power Mosfet
logo
Guangdong Youtai Semico...
STD10NF10 UMW-STD10NF10 Datasheet
616Kb / 5P
100V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com