Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1759CG Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1759CG
Description  Smart Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1759CG Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1759CG Datasheet HTML 17Page - Linear Technology LTC1759CG Datasheet HTML 18Page - Linear Technology LTC1759CG Datasheet HTML 19Page - Linear Technology LTC1759CG Datasheet HTML 20Page - Linear Technology LTC1759CG Datasheet HTML 21Page - Linear Technology LTC1759CG Datasheet HTML 22Page - Linear Technology LTC1759CG Datasheet HTML 23Page - Linear Technology LTC1759CG Datasheet HTML 24Page - Linear Technology LTC1759CG Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC1759
Table 7. VLIMIT Trip Points and Ranges
NOMINAL
EXTERNAL
CHARGING
RESISTOR
VOLTAGE (VOUT)
(RVLIMIT)VLIMIT VOLTAGE
RANGE
GRANULARITY
0VVLIMIT < 0.09VVCCP 2465mV < VOUT
16mV
< 8432mV
10k
±1%
0.17VVDD < VVLIMIT
2465mV < VOUT
16mV
< 0.34VVDD
< 12640mV
33k
±1%
0.42VVCCP < VVLIMIT 2465mV < VOUT
32mV
< 0.59VVDD
< 16864mV
100k
±1% 0.66VVDD < VVLIMIT 2465mV < VOUT
32mV
< 0.84VVDD
< 21056mV
Open or
0.91VVDD < VVLIMIT
2465mV < VOUT
32mV
Tied to VDD
< 32768mV
PROGRAMMED VALUE (V)
NOTE: THE USER MUST ADJUST THE VALUE OF
THE EXTERNAL CURRENT SENSING COMPONENTS
(RS1, RS2, RSENSE, RSET) TO MAINTAIN CONSISTENCY
WITH ILIMIT RANGES. SEE APPLICATIONS INFORMATION
0
25
20
15
10
5
0
10
20
25
1759 F06
5
15
30
35
Figure 6. Transfer Function of Charger
IPROG
(FROM CA1 AMP)
1759 F07
RSET
VREF
ISET
PROG
TO
ERROR
AMP
CHARGINGCURRENT()
VALUE
∆-∑
MODULATOR
Figure 7. Current DAC Operation
The Voltage DAC Block
Note that the charge output voltage is offset by VREF.
Therefore, the value of VREF is subtracted from the SMBus
ChargingVoltage() value in order for the output voltage to
be programmed properly (without offset). If the
ChargingVoltage() value is below the nominal reference
voltage of the charger, nominally 2.465V, the charger
output voltage is programmed to zero. In addition, if the
ChargingVoltage() value is above the limit set by the VLIMIT
pin, then the charger output voltage is set to the value
determined by the VLIMIT resistor and the VOLTAGE_OR
bit is set. These limits are demonstrated in Figure 6.
The Current DAC Block
The current DAC is a delta-sigma modulator which con-
trols the effective value of an external resistor, RSET, used
to set the current limit of the charger. Figure 7 is a
simplified diagram of the DAC operation. The delta-sigma
modulator and switch convert the ChargingCurrent() value,
received via the SMBus, to a variable resistance equal to:
1.25RSET/ChargingCurrent()/ILIMIT[x])
Therefore, programmed current is equal to:
0.8VREF/RSET (ChargingCurrent()/ILIMIT[x]),
for ChargingCurrent() < ILIMIT[x].
When a value less than 1/16th of the maximum current
allowed by ILIMIT is applied to the current DAC input, the
current DAC enters a different mode of operation. The
current DAC output is pulse width modulated with a high
ILIMIT/8
AVERAGE CHARGER CURRENT
1750 F08
~40ms
0
Figure 8. Charging Current Waveform in Low Current Mode
OPERATIO
frequency clock having a duty cycle value of 1/8. There-
fore, the maximum output current provided by the charger
is IMAX/8. The delta-sigma output gates this low duty cycle
signal on and off. The delta-sigma shift registers are then
clocked at a slower rate, about 45ms/bit, so that the
charger has time to settle to the IMAX/8 value. The resulting
average charging current is equal to that requested by the
ChargingCurrent() value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com