Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1759CG Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1759CG
Description  Smart Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1759CG Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1759CG Datasheet HTML 18Page - Linear Technology LTC1759CG Datasheet HTML 19Page - Linear Technology LTC1759CG Datasheet HTML 20Page - Linear Technology LTC1759CG Datasheet HTML 21Page - Linear Technology LTC1759CG Datasheet HTML 22Page - Linear Technology LTC1759CG Datasheet HTML 23Page - Linear Technology LTC1759CG Datasheet HTML 24Page - Linear Technology LTC1759CG Datasheet HTML 25Page - Linear Technology LTC1759CG Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
LTC1759
When wake-up is asserted to the current DAC block, the
delta-sigma is then fixed at a value equal to 80mA, inde-
pendent of the ILIMIT setting.
Note:
The external resistor connected to the ISET pin must be
multiplied by 0.8 to compensate for the 80% maximum
duty cycle of the sigma-delta modulator. Note also that the
80% duty cycle converts the rise/fall time mismatches to
a small gain error, rather than a nonlinearity. The parasitic
OPERATIO
capacitance at the ISET pin should be minimized to keep
these errors small.
The Battery Monitor Block (PWR_FAIL)
Two internal resistor dividers compare the BAT2 terminal
to the DCIN terminal. When BAT2 is above 89% of the
voltage at DCIN the PWR_FAIL bit is set to 1. A small
amount of proportional hysteresis, ~ 2%, is used for noise
immunity. The PWR_FAIL bit is set low if AC_PRESENT
is low.
APPLICATIONS INFORMATION
Adapter Limiting
An important feature of the LTC1759 is the ability to
automatically adjust charging current to a level which
avoids overloading the wall adapter. This allows the prod-
uct to operate at the same time that batteries are being
charged without complex load management algorithms.
Additionally, batteries will automatically be charged at the
maximum possible rate of which the adapter is capable.
This feature is created by sensing total adapter output
current and adjusting charging current downward if a
preset adapter current limit is exceeded. True analog
control is used, with closed loop feedback ensuring that
adapter load current remains within limits. Amplifier CL1
in Figure 9 senses the voltage across RS4, connected
between the CLP and CLN pins. When this voltage exceeds
92mV, the amplifier will override programmed charging
current to limit adapter current to 92mV/RS4. A lowpass
filter formed by 500
Ω and 1µF is required to eliminate
switching noise. If the current limit is not used, both CLP
and CLN pins should be connected to VCC.
Setting Input Current Limit
To set the input current limit, you need to know the
minimum wall adapter current rating. Subtract 5% for the
input current limit tolerance and use that current to deter-
mine the resistor value.
RS4 = 92mV/ILIMIT
ILIMIT =
Adapter Min Current – (Adapter Min Current • 5%)
Table 7. Common RS4 Resistor Values
ADAPTER
RS4 VALUE*
RS4 POWER
RS4 POWER
RATING (A)
(
Ω) 1%
DISSIPATION (W)
RATING (W)
1.5
0.06
0.135
0.25
1.8
0.05
0.162
0.25
2
0.045
0.18
0.25
2.3
0.039
0.206
0.25
2.5
0.036
0.225
0.5
2.7
0.033
0.241
0.5
3
0.03
0.27
0.5
* Values shown above are rounded to nearest standard value.
As is often the case, the wall adapter will usually have at
least a +10% current limit margin and many times one can
simply set the adapter current limit value to the actual
adapter rating (see Table 7).
Figure 9. Adapter Current Limiting
92mV
–
+
500
Ω
CLP
CLN
VCC
1759 F09
LTC1759
1
µF
+
RS4*
CIN
VIN
CL1
AC ADAPTER
INPUT
*RS4 =
92mV
ADAPTER CURRENT LIMIT
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com