Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1921
Description  Dual .48V Supply and Fuse Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 1 Page - Linear Technology

  LTC1921 Datasheet HTML 1Page - Linear Technology LTC1921 Datasheet HTML 2Page - Linear Technology LTC1921 Datasheet HTML 3Page - Linear Technology LTC1921 Datasheet HTML 4Page - Linear Technology LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1921
1921i
Dual –48V Supply
and Fuse Monitor
May 2002
The LTC
®1921 monitors two independent – 48V supplies,
including their fuses, and drives up to three optoisolators
to indicate status, in accordance with standard backplane
specifications. Requiring only three noncritical resistors
and optoisolators, the LTC1921 replaces multiple voltage
comparators, a voltage reference and several precision
resistors.
The monitor features dual supply overvoltage and under-
voltage detection circuits. The preset trip thresholds in-
clude overvoltage, undervoltage and undervoltage recovery
that are guaranteed over temperature and meet or exceed
common backplane specifications. Additional built-in cir-
cuitry detects the condition of supply fuses. Overvoltage
and undervoltage detectors ignore fast supply transients,
eliminating false detection. The LTC1921 operates from
–10V to –80V with a typical power dissipation of less than
10mW.
The LTC1921 is available in an 8-pin MSOP package.
s
Independently Monitors Two –48V Supplies for
– Undervoltage Faults: –38.5V
±1VMAX
– Overvoltage Faults: –70V
±1.5VMAX
s
Accurately Detects Undervoltage Fault Recovery:
–43V
±0.5VMAX
s
Monitors Two External Fuses
s
Operates from –10V to –80V
s
Tolerates DC Faults to –100V
s
Tolerates Accidental Supply Reversal to 100V
s
Withstands Transient Voltages Up to 200V/–200V
s
Small Footprint: 8-Lead MSOP Package
s
Requires No Precision External Components
s
Specified from – 40
°C to 85°C
s
Telecom Backplanes or Switch Cards
s
Networking Backplanes or Switch Cards
s
High Voltage Fuse Monitoring
, LTC and LT are registered trademarks of Linear Technology Corporation.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
FUSE GOOD
SUPPLY A GOOD
MOC207
MOC207
MOC207
1921 TA01
SUPERVISOR
µP
LOGIC
SUPPLY
LOGIC
COMMON
47k
47k
47k
R3
47k
1/4W
SUPPLY B GOOD
OUT F
VA
3
4
5
7
2
8
1
6
VB
FUSE A
RTN
LTC1921
FUSE B
OUT A
OUT B
D1 MURS320
F1
SUPPLY A
–48V
SUPPLY B
–48V
F2
D2 MURS320
R1
100k
– 48V
RETURN
R2
100k
–48V LOAD
Final Electrical Specifications
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1921

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1921 LINER-LTC1921 Datasheet
174Kb / 12P
Dual -48V Supply and Fuse Monitor
LTC1921 LINER-LTC1921 Datasheet
233Kb / 14P
Ultralow Power Quad
LTC1921 LINER-LTC1921 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
LTC1921 LINER-LTC1921 Datasheet
180Kb / 12P
Dual 48V Supply and Fuse Monitor
LTC1921 LINER-LTC1921 Datasheet
213Kb / 24P
Negative Voltage Hot Swap Controllers in SOT-23
More results

Similar Description - LTC1921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1903 TI-UC1903 Datasheet
477Kb / 8P
Quad Supply and Line Monitor
logo
Linear Technology
LTC1921 LINER-LTC1921_1 Datasheet
174Kb / 12P
Dual -48V Supply and Fuse Monitor
LTC2970 LINER-LTC2970 Datasheet
400Kb / 36P
Dual I2C Power Supply Monitor and Margining Controller
logo
Texas Instruments
UC1903J TI1-UC1903J Datasheet
808Kb / 16P
Quad Supply and Line Monitor
logo
Linear Technology
LTC2970CUFD LINER-LTC2970CUFD Datasheet
372Kb / 36P
Dual I2C Power Supply Monitor and
LTC2970IUFD LINER-LTC2970IUFD Datasheet
372Kb / 36P
Dual I2C Power Supply Monitor and
LTC1921 LINER-LTC1921_15 Datasheet
180Kb / 12P
Dual 48V Supply and Fuse Monitor
LTC2970-1 LINER-LTC2970-1_15 Datasheet
876Kb / 38P
Dual I2C Power Supply Monitor and Margining Controller
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
Dual I2C Power Supply Monitor and Margining Controller
logo
Texas Instruments
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
Quad Supply and Line Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com