Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1921 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1921
Description  Dual .48V Supply and Fuse Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 2Page - Linear Technology LTC1921 Datasheet HTML 3Page - Linear Technology LTC1921 Datasheet HTML 4Page - Linear Technology LTC1921 Datasheet HTML 5Page - Linear Technology LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology LTC1921 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1921
1921i
Supply Monitoring
The LTC1921 is designed to monitor dual – 48V power
supplies. This is accomplished with precision window
comparators and an accurate bandgap reference, as well
as internal level shifting circuitry. The comparators are
preset to standard voltage thresholds in order to accu-
rately verify the status of each supply. These comparators
also include precision hysteresis which allows accurate
determination of voltage recovery. Status of the two
supplies are indicated by the OUT A and OUT B pins.
The supply window comparison works in a straightfor-
ward way (Figure 1). As long as each supply magnitude
remains in the valid supply window (38.5V to 70V), the
outputs will indicate a valid supply condition by exhibiting
a high internal impedance. If a supply magnitude falls
below the undervoltage threshold (38.5V), then its respec-
tive output will short internally (OUT A to OUT F or OUT B
to OUT A) until that supply reaches the undervoltage
recovery threshold, which is preset to –43V. At this time,
the output will return to a high impedance state. If a supply
magnitude rises above the overvoltage threshold (70V),
then its respective output will short internally, just as with
an undervoltage condition. The output will return to its
nominal state when the supply overcomes the overvoltage
hysteresis.
APPLICATIO S I FOR ATIO
Monitoring for each supply, VA and VB, is independent of
the condition of the other supply. The LTC1921 can be
powered equally from either VA, VB or both supplies. This
allows the LTC1921 to provide correct information at its
outputs as long as at least one supply is functional,
whether or not the fuses are intact (see Figure 2).
Undervoltage Lockout
If both supplies are active and their magnitude falls below
13V, or if only one supply is active and its magnitude falls
below 19V, the LTC1921 will lock all outputs into a fault
condition by closing all three output switches. This state
will be held until one supply magnitude is driven above
19V or both are driven above 13V.
Fuse Monitoring
In addition to monitoring two supplies, the LTC1921 can
monitor the condition of two supply fuses via the FUSE A
(Pin 2) and FUSE B (Pin 7) inputs. Fuse monitoring is
accomplished by comparing the potential at FUSE A to the
potential at supply VA and comparing the potential at
FUSE B to the potential at supply VB. If VFUSEA is within the
specified voltage window around VA and VFUSEB is within
the specified voltage window around VB, the OUT F pin will
indicate that the fuses are intact by exhibiting a high
0
0
VSUPPLY
R3
–38.5
–43
–48
–68.7
–70
1921 F01
TIME
NOMINAL
VOLTAGE
UNDERVOLTAGE
RECOVERY
OVERVOLTAGE
FAULT
OVERVOLTAGE
RECOVERY
UNDERVOLTAGE
FAULT
Figure 1. Supply Comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com