Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED375 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED375
Description  UV LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED375 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED375 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED375 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED375 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED375 Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED375 Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED375 Datasheet HTML 6Page - Roithner LaserTechnik GmbH LED375 Datasheet HTML 7Page - Roithner LaserTechnik GmbH LED375 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
21.11.2011
LED375-series
1 of 8
LED375-series
TECHNICAL DATA
UV LED
InGaN
LED375-series are InGaN LEDs mounted on a lead frame and encapsulated in various types of
clear silicone lens, which offers different design settings.
On forward bias, it emits a radiation of typical 2.5 mW at a peak wavelength at 375 nm.
Specifications
• Structure: InGaN
• Peak Wavelength: typ. 375 nm
• Optical Ouput Power: typ. 2.5 mW
• Resin Material: Clear silicone resin
• Solder: Lead free
Absolute Maximum Ratings (Ta=25°C)
Type
Symbol
Value
Unit
Power Dissipation
PD
200
mW
Forward Current
IF
50
mA
Reverse Voltage
VR
5
V
Operating Temperature
TOP
-30 … +85
°C
Storage Temperature
TSTG
-40 … +100
°C
Soldering Temperature (for 5 sec.)
TSOL
265
°C
Electro-Optical Characteristics (Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20 mA
-
3.8
4.3
V
Reverse Current
IR
VR = 5 V
-
-
10
µA
Radiated Power
PO
IF = 20 mA
-
2.5
-
mW
Peak Wavelength
λ
P
IF = 20 mA
370
375
380
nm
Half Width
Δλ
IF = 20 mA
-
10
-
nm


Similar Part No. - LED375

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED375-66-60-110 ROITHNER-LED375-66-60-110 Datasheet
123Kb / 2P
High Power LED Array
More results

Similar Description - LED375

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSHU550A NICHIA-NSHU550A Datasheet
286Kb / 14P
UV LED
NSHU550B NICHIA-NSHU550B Datasheet
218Kb / 14P
UV LED
logo
Roithner LaserTechnik G...
VL410-5-15 ROITHNER-VL410-5-15 Datasheet
217Kb / 4P
UV LED
XSL-365-SD ROITHNER-XSL-365-SD Datasheet
395Kb / 5P
UV LED
XSL-365-TF ROITHNER-XSL-365-TF Datasheet
297Kb / 5P
UV LED
XSL-375-TB-5 ROITHNER-XSL-375-TB-5 Datasheet
287Kb / 5P
UV LED
logo
NICHIA CORPORATION
NCSU035C NICHIA-NCSU035C Datasheet
295Kb / 19P
UV LED
NCSU275T-U375 NICHIA-NCSU275T-U375 Datasheet
299Kb / 18P
UV LED
NSPU510CS NICHIA-NSPU510CS_18 Datasheet
252Kb / 16P
UV LED
NSSU100CT NICHIA-NSSU100CT_18 Datasheet
280Kb / 18P
UV LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com