Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED395 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED395
Description  This series of LED395-xx is an InGaN LED mounted on a lead frame with a clear epoxy lens
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED395 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED395 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 6Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 7Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 8Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 9Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
17.08.2010
led395_series.doc
1 of 9
LED395-series UV LED Lamp with UV resistant resin
This series of LED395-xx is an InGaN LED mounted on a lead frame with a clear epoxy
lens.
On forward bias, it emits a band of visible light peaks 395nm.
● Specifications
1) Chip material
InGaN
2) Peak wavelength
395nm typ.
3) Package
Clear Silicone Resin
4) Solder
Lead free
● Absolute Maximum Ratings
Item
Symbol
Maximum Rated
Value
Unit
Ambient
Temperature
Power Dissipation
PD
200
mW
Ta=25°C
Forward Current
IF
50
mA
Ta=25°C
Reverse Voltage
VR
5
V
Ta=25°C
Operating Temperature
TOPR
-30 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +100
°C
Soldering Temperature
TSOL
265
°C
● Electro-Optical Characteristics [Ta=25°C]
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF=20mA
3.5
4.0
V
Reverse Current
IR
VR=5V
10
uA
Radiated Power
PO
IF=20mA
11
mW
Peak Wavelength
λP
IF=20mA
390
395
400
nm
Half Width
∆λ
IF=20mA
15
nm
Lead (Pb) Free Product – RoHS Compliant


Similar Part No. - LED395

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED395-66-60-110 ROITHNER-LED395-66-60-110 Datasheet
109Kb / 1P
High Power LED Array
LED395V-66-16100-110 ROITHNER-LED395V-66-16100-110 Datasheet
1Mb / 4P
UV High Power LED Array
More results

Similar Description - LED395

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
B3B-443-B525 ROITHNER-B3B-443-B525 Datasheet
264Kb / 4P
B3B-443-B525 is a InGaN LED mounted on a lead frame with a clear epoxy lens
B3B-445-30S ROITHNER-B3B-445-30S Datasheet
266Kb / 4P
B3B-445-TL is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
B3B-445-TL ROITHNER-B3B-445-TL Datasheet
266Kb / 4P
B3B-445-TL is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
B5-433-20 ROITHNER-B5-433-20 Datasheet
196Kb / 4P
B5-433-20 is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
B5-433-B505 ROITHNER-B5-433-B505 Datasheet
189Kb / 4P
B5-433-B505 is a InGaN LED mounted on a lead frame with a clear epoxy lens
B5B-433-014 ROITHNER-B5B-433-014 Datasheet
213Kb / 4P
B5B-433-014 is a GaP LED mounted on a lead frame with a clear epoxy lens
B5B-433-B505 ROITHNER-B5B-433-B505 Datasheet
216Kb / 2P
B5B-433-B505 is a InGaN LED mounted on a lead frame with a clear epoxy lens
B5B-434-TY ROITHNER-B5B-434-TY Datasheet
189Kb / 4P
B5B-434-TY is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
B5B-437-CV ROITHNER-B5B-437-CV Datasheet
265Kb / 4P
B5B-437-CV is a InGaN LED mounted on a lead frame with a clear epoxy lens
B5B-437-IX ROITHNER-B5B-437-IX Datasheet
189Kb / 4P
B5B-437-IX is a InGaN LED mounted on a lead frame with a clear epoxy lens
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com