Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED395 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED395
Description  This series of LED395-xx is an InGaN LED mounted on a lead frame with a clear epoxy lens
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED395 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED395 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 5Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 6Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 7Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 8Page - Roithner LaserTechnik GmbH LED395 Datasheet HTML 9Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
17.08.2010
led395_series.doc
2 of 9
● Characteristics of Radiant Intensity [Ta=25°C]
Radiant Intensity IF= 20mA [mW/sr]
Type
Viewing
Half Angle
Minimum
Typical
Maximum
Outer
Dimension
Dimension
Figure
LED395-01
± 8°
45
Ø 5
1
LED395-02
± 5°
55
Ø 5
2
LED395-03
± 10°
45
Ø 5
3
LED395-04
± 20°
18
Ø 5
4
LED395-05
± 50°
5
Ø 5
5
LED395-06
± 4°
Ø 5
6
± 25°
(Long)
Ø 5
LED395-09
± 10°
(Short)
Oval
7
LED395-46
Ø 5
8
LED395-41
± 14°
Ø 4
9
LED395-42
± 20°
Ø 4
10
LED395-31
Ø 3
11
LED395-33
± 13°
16
Ø 3
12
LED395-34
Ø 3
13
LED395-36
± 25°
7
Ø 3
14
► Radiated Power is measured by S3584-08.
► Radiation Intensity is measures by Ando Optical Multi Meter AQ2140 & AQ2741.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com