Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77019GC Datasheet(PDF) 2 Page - NEC

Part # UPD77019GC
Description  16 bits, Fixed-point Digital Signal Processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77019GC Datasheet(HTML) 2 Page - NEC

  UPD77019GC Datasheet HTML 1Page - NEC UPD77019GC Datasheet HTML 2Page - NEC UPD77019GC Datasheet HTML 3Page - NEC UPD77019GC Datasheet HTML 4Page - NEC UPD77019GC Datasheet HTML 5Page - NEC UPD77019GC Datasheet HTML 6Page - NEC UPD77019GC Datasheet HTML 7Page - NEC UPD77019GC Datasheet HTML 8Page - NEC UPD77019GC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
µPD77018A, 77019
2
• CLOCK GENERATOR
• Mask option for CLKOUT pin:
Fixed to the low level.
Does not output the internal system clock.
• Selectable source clock: external clock input and crystal resonator
[External clock]
On-chip PLL to provide higher operation clock (60 MHz max.) than the external clock.
Variable multiple rates (1, 2, 3, 4, 8) by mask option.
[Crystal resonator]
Oscillation frequency corresponds directly to the system clock frequency (Sure to specify the mask option
frequency multiple as "1").
• ON-CHIP PERIPHERAL
• I/O port: 4 bits
• Serial I/O (16 bits): 2 channels
• Host I/O (8 bits): 1 channel
• CMOS
• +3 V single power supply
ORDERING INFORMATION
Part Number
Package
µPD77018AGC-×××-9EU
100-pin plastic TQFP (FINE PITCH) (14
× 14 mm)
µPD77019GC-×××-9EU
100-pin plastic TQFP (FINE PITCH) (14
× 14 mm)
Remark
××× indicates a code suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com