Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD77019GC Datasheet(PDF) 21 Page - NEC

Part # UPD77019GC
Description  16 bits, Fixed-point Digital Signal Processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD77019GC Datasheet(HTML) 21 Page - NEC

Back Button UPD77019GC Datasheet HTML 17Page - NEC UPD77019GC Datasheet HTML 18Page - NEC UPD77019GC Datasheet HTML 19Page - NEC UPD77019GC Datasheet HTML 20Page - NEC UPD77019GC Datasheet HTML 21Page - NEC UPD77019GC Datasheet HTML 22Page - NEC UPD77019GC Datasheet HTML 23Page - NEC UPD77019GC Datasheet HTML 24Page - NEC UPD77019GC Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
21
µPD77018A, 77019
2.4.2
Data Memory Outline
The
µPD77018A and the µPD77019 each has two data memory areas (64K words × 16 bits each) in X and
Y memory areas.
Every memory areas consists of 3K words
× 16 bits data RAM and 12K words ×16 bits data ROM . As the
µPD77018A and the µPD77019 each has interface with the external data memory, 16 K words × 16 bits external
data memory space can be added to X/Y memories.
Each data memory area includes on-chip peripheral area which consists of 64 words.
When the external data memory area is accessed, instruction cycle can be 2 or more by wait function.
Caution
When any data is accessed or stored to system address, normal operation of the device is
not assured.
3840H
383FH
0000H
System (1984 words)
System (11K words)
Data RAM (3K words)
External Data Memory
(16K words)
PD77018A, 77019
Peripheral (64 words)
4000H
3FFFH
FFFFH
System (20K words)
0C00H
0BFFH
7000H
6FFFH
C000H
BFFFH
Data ROM (12K words)
3800H
37FFH
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com