Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC486 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC486
Description  Quad Low Power RS485 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC486 Datasheet(HTML) 6 Page - Linear Technology

  LTC486 Datasheet HTML 1Page - Linear Technology LTC486 Datasheet HTML 2Page - Linear Technology LTC486 Datasheet HTML 3Page - Linear Technology LTC486 Datasheet HTML 4Page - Linear Technology LTC486 Datasheet HTML 5Page - Linear Technology LTC486 Datasheet HTML 6Page - Linear Technology LTC486 Datasheet HTML 7Page - Linear Technology LTC486 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LTC486
6
S
APPLICATI
I FOR ATIO
When using low loss cables, Figure 8 can be used as a
guideline for choosing the maximum line length for a given
data rate. With lower quality PVC cables, the dielectric loss
factor can be 1000 times worse. PVC twisted pairs have
terrible losses at high data rates (>100kbs) and greatly
reduce the maximum cable length. At low data rates
however, they are acceptable and much more economical.
Cable Termination
The proper termination of the cable is very important. If the
cable is not terminated with its characteristic impedance,
EN
12
EN
4
LTC486 • TA07
120
Ω
DX
1
2
3
SHIELD
120
Ω
RX
RX
SHIELD
3
DX
EN
12
EN
4
2
EN
EN
4
1
2
3
RX
RX
3
DX
EN
12
EN
4
1
DX
1/4 LTC488
1/4 LTC486
1/4 LTC488
1/4 LTC486
2
1
12
Losses in a transmission line are a complex combination
of DC conductor loss, AC losses (skin effect), leakage, and
AC losses in the dielectric. In good polyethylene cables
such as the Belden 9841, the conductor losses and dielec-
tric losses are of the same order of magnitude, with
relatively low overall loss (Figure 7).
FREQUENCY (MHz)
0.1
0.1
1
10
1
10
100
LTC486 • TA08
Figure 7. Attenuation vs Frequency for Belden 9841
DATA RATE (bps)
10k
10
100
1k
10k
100k
1M
10M
LTC486 • TA09
2.5M
distorted waveforms will result. In severe cases, distorted
(false) data and nulls will occur. A quick look at the output
of the driver will tell how well the cable is terminated. It is
best to look at a driver connected to the end of the cable,
since this eliminates the possibility of getting reflections
from two directions. Simply look at the driver output while
transmitting square wave data. If the cable is terminated
properly, the waveform will look like a square wave
(Figure 9).
If the cable is loaded excessively (e.g., 47
Ω), the signal
initially sees the surge impedance of the cable and jumps
to an initial amplitude. The signal travels down the cable
and is reflected back out of phase because of the
mistermination. When the reflected signal returns to the
driver, the amplitude will be lowered. The width of the
pedestal is equal to twice the electrical length of the cable
(about1.5ns/ft). If the cable is lightly loaded (e.g., 470
Ω),
Figure 8. Cable Length vs Data Rate
Figure 6. Typical Connection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com