Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC486 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC486
Description  Quad Low Power RS485 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC486 Datasheet(HTML) 7 Page - Linear Technology

  LTC486 Datasheet HTML 1Page - Linear Technology LTC486 Datasheet HTML 2Page - Linear Technology LTC486 Datasheet HTML 3Page - Linear Technology LTC486 Datasheet HTML 4Page - Linear Technology LTC486 Datasheet HTML 5Page - Linear Technology LTC486 Datasheet HTML 6Page - Linear Technology LTC486 Datasheet HTML 7Page - Linear Technology LTC486 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC486
S
APPLICATI
I FOR ATIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
represents an electrical one-tenth wavelength. The value
of the coupling capacitor should therefore be set at 16.3pF
per foot of cable length for 120
Ω cables. With the coupling
capacitors in place, power is consumed only on the signal
edges, not when the driver output is idling at a 1 or 0 state.
A 100nF capacitor is adequate for lines up to 4000 feet in
length. Be aware that the power savings start to decrease
once the data rate surpasses 1/(120
Ω × C).
Receiver Open-Circuit Fail-Safe
Some data encoding schemes require that the output of
the receiver maintains a known state (usually a logic 1)
when the data is finished transmitting and all drivers on
the line are forced into three-state. All LTC RS485
receivers have a fail-safe feature which guarantees the
output to be in a logic 1 state when the receiver inputs
are left floating (open-circuit). However, when the cable
is terminated with 120
Ω, the differential inputs to the
receiver are shorted together, not left floating.
If the receiver output must be forced to a known state,
the circuits of Figure 11 can be used.
The termination resistors are used to generate a DC bias
which forces the receiver output to a known state, in this
case a logic 0. The first method consumes about
208mW and the second about 8mW. The lowest power
Figure 10. AC Coupled Termination
Rt
DRIVER
DX
RECEIVER
RX
Rt = 120
Ω
Rt = 47
Ω
Rt = 470
Ω
LTC486 • TA10
PROBE HERE
Figure 9. Termination Effects
the signal reflects in phase and increases the amplitude at
the driver output. An input frequency of 30kHz is adequate
for tests out to 4000 ft. of cable.
AC Cable Termination
Cable termination resistors are necessary to prevent un-
wanted reflections, but they consume power. The typical
differential output voltage of the driver is 2V when the cable
is terminated with two 120
Ω resistors. When no data is
being sent 33mA of DC current flows in the cable . This DC
current is about 220 times greater than the supply current
of the LTC486. One way to eliminate the unwanted current
is by AC coupling the termination resistors as shown in
Figure 10.
LTC486 • TA11
C = LINE LENGTH (FT)
× 16.3pF
120
Ω
RECEIVER
RX
C
LTC486 • TA12
140
Ω
RECEIVER
RX
5V
1.5k
RECEIVER
RX
5V
110
Ω
130
Ω
110
Ω
130
Ω
120
Ω
RECEIVER
RX
C
5V
100k
1.5k
Figure 11. Forcing “0” When All Dirvers Are Off
The coupling capacitor allows high frequency energy to
flow to the termination, but blocks DC and low frequen-
cies. The dividing line between high and low frequency
depends on the length of the cable. The coupling capacitor
must pass frequencies above the point where the line



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com