Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC486C Datasheet(PDF) 3 Page - Linear Technology

Part # LTC486C
Description  Quad Low Power RS485 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC486C Datasheet(HTML) 3 Page - Linear Technology

  LTC486C Datasheet HTML 1Page - Linear Technology LTC486C Datasheet HTML 2Page - Linear Technology LTC486C Datasheet HTML 3Page - Linear Technology LTC486C Datasheet HTML 4Page - Linear Technology LTC486C Datasheet HTML 5Page - Linear Technology LTC486C Datasheet HTML 6Page - Linear Technology LTC486C Datasheet HTML 7Page - Linear Technology LTC486C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC486
S
GC
C
HARA TERISTICS
WITCHI
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tZL
Driver Enable to Output Low
CL = 100pF (Figures 3, 5) S1 Closed
35
70
ns
tLZ
Driver Disable Time from Low
CL = 15pF (Figures 3, 5) S1 Closed
35
70
ns
tHZ
Driver Disable Time from High
CL = 15pF (Figures 3, 5) S2 Closed
35
70
ns
Note 1: Absolute maximum ratings are those beyond which the safety of
the device cannot be guaranteed.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: All typicals are given for VCC = 5V and temperature = 25°C.
TI E WAVEFOR
S
G
WITCHI
S
VCC = 5V ±5%, 0°C ≤ Temperature ≤ 70°C (Commercial), –40°C ≤ Temperature ≤ 85°C (Industrial) (Note 2, 3)
OUTPUT VOLTAGE (V)
0
0
–24
– 48
–72
–96
12
3
4
LTC486 • TPC01
OUTPUT VOLTAGE (V)
0
0
20
40
60
80
12
3
4
LTC486 • TPC03
OUTPUT VOLTAGE (V)
0
0
16
32
48
64
12
3
4
LTC486• TPC02
Figure 4. Driver Propagation Delays
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Driver Output High Voltage
Driver Differential Output Voltage
Driver Output Low Voltage
vs Output Current TA = 25°C
vs Output Current TA = 25°C
vs Output Current TA = 25°C
–VO
LTC486 • TA05
B
A
DI
VO
1/2 VO
3V
0V
tSKEW
1.5V
tPLH
1.5V
tPHL
1/2 VO
V
= V(A) – V(B)
VO
80%
20%
t f
90%
DIFF
10%
tSKEW
tr
f = 1MHz : t
10ns : t
10ns
<<
rf
LTC486 • TA06
A, B
EN
3V
0V
f = 1MHz : t
10ns : t
10ns
VOL
VOH
1.5V
1.5V
5V
OUTPUT NORMALLY LOW
t
ZL
2.3V
t
LZ
0.5V
≤≤
A, B
0V
t
ZH
2.3V
OUTPUT NORMALLY HIGH
t
HZ
0.5V
rf
Figure 5. Driver Enable and Disable Times



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com