Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC486C Datasheet(PDF) 5 Page - Linear Technology

Part # LTC486C
Description  Quad Low Power RS485 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC486C Datasheet(HTML) 5 Page - Linear Technology

  LTC486C Datasheet HTML 1Page - Linear Technology LTC486C Datasheet HTML 2Page - Linear Technology LTC486C Datasheet HTML 3Page - Linear Technology LTC486C Datasheet HTML 4Page - Linear Technology LTC486C Datasheet HTML 5Page - Linear Technology LTC486C Datasheet HTML 6Page - Linear Technology LTC486C Datasheet HTML 7Page - Linear Technology LTC486C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC486
Figure 1. Driver DC Test Load
Figure 3. Driver Timing Test Load #2
Figure 2. Driver Timing Test Circuit
DRIVER
LTC486 • TA03
EN
DI
A
B
EN
RDIFF
CI1
CI2
TEST CIRCUITS
GND (Pin 8): Ground Connection.
DI3 (Pin 9): Driver 3 Input. Refer to DI1.
DO3A (Pin 10): Driver 3 Output.
DO3B (Pin 11): Driver 3 Output.
EN (Pin 12): Driver Outputs Disabled. See Function Table
for details.
DO4B (Pin 13): Driver 4 Output.
DO4A (Pin 14): Driver 4 Output.
DI4 (Pin 15): Driver 4 Input. Refer to DI1.
VCC (Pin 16): Positive Supply; 4.75V < VCC < 5.25V .
DI1 (Pin 1): Driver 1 Input. If Driver 1 is enabled, then a low
on DI1 forces the driver outputs DO1A low and DO1B high.
A high on DI1 with the driver outputs enabled will force
DO1A high and DO1B low.
DO1A (Pin 2): Driver 1 Output.
DO1B (Pin 3): Driver 1 Output.
EN (Pin 4): Driver Outputs Enabled. See Function Table for
details.
DO2B (Pin 5): Driver 2 Output.
DO2A (Pin 6): Driver 2 Output.
DI2 (Pin 7): Driver 2 Input. Refer to DI1.
PI
FU C
S
TI
S
APPLICATI
I FOR ATIO
Typical Application
A typical connection of the LTC486 is shown in Figure 6.
A twisted pair of wires connect up to 32 drivers and
receivers for half duplex data transmission. There are no
restrictions on where the chips are connected to the
wires, and it isn’t necessary to have the chips connected
at the ends. However, the wires must be terminated only
at the ends with a resistor equal to their characteristic
impedance, typically 120
Ω. The optional shields around
the twisted pair help reduce unwanted noise, and are
connected to GND at one end.
Thermal Shutdown
The LTC486 has a thermal shutdown feature which pro-
tects the part from excessive power dissipation. If the
outputs of the driver are accidently shorted to a power
supply or low impedance source, up to 250mA can flow
through the part. The thermal shutdown circuit disables
the driver outputs when the internal temperature reaches
150
°Candturnsthembackonwhenthetemperaturecools
to 130
°C. If the outputs of two or more LTC486 drivers are
shorted directly, the driver outputs can not supply enough
current to activate the thermal shutdown. Thus, the ther-
mal shutdown circuit will not prevent contention faults
when two drivers are active on the bus at the same time.
Cable and Data Rate
The transmission line of choice for RS485 applications is
a twisted pair. There are coaxial cables (twinaxial) made for
this purpose that contain straight pairs, but these are less
flexible, more bulky, and more costly than twisted pairs.
Many cable manufacturers offer a broad range of 120
Ω
cables designed for RS485 applications.
LTC486 • TA02
A
B
R
R
OD
V
OC
V
LTC486 • TA04
OUTPUT
UNDER TEST
CL
S1
500
CC
V
Ω
S2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com