Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED600-03 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED600-03
Description  orange light emitting diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED600-03 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED600-03 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED600-03 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED600-03 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.roithner-laser.com
1
LED600-03
v 1.0 1.07.2014
Description
LED600-03 is a AlInGaP based Light Emitting Diode with a typical peak wavelength of 600 nm and
radiation of 5 mW. It is mounted on a lead frame and encapsulated in a 5 mm clear UV-resistant epoxy
resin, which provides a viewing angle of 26°.
Maximum Ratings (T
CASE=25°C)
Parameter
Symbol
Values
Min.
Max.
Unit
Power Dissipation
PD
125
mW
Forward Current
IF
50
mA
Reverse Voltage
VR
5
V
Thermal Resistance *
1
RTHJP
340
K/W
Junction Temperature
TJ
100
°C
Operating Temperature
TCASE
- 40
+ 80
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Lead Solder Temperature *
2
TSLD
+ 265
°C
*
1 junction – ambient, leads 7 mm, soldered on PCB
*
2 must be completed within 5 seconds
Electro-Optical Characteristics (T
CASE=25°C)
*
1 measured by Photodyne #500
*
2 measured by Tektronix J-16
Parameter
Symbol Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=20mA
590
600
610
nm
Dominant Wavelength
λD
IF=20mA
595
nm
Half Width
∆λ
IF=20mA
15
nm
Forward Voltage
VF
IF=20mA
2.0
2.2
V
Reverse Current
IR
VR=5V
10
µA
Radiated Power *
1
PO
IF=20mA
5.0
mW
Brightness *
2
IV
IF=20mA
6500
mcd
Radiant Intensity
IE
IF=20mA
mW/sr
Viewing Angle
φ
IF=20mA
26
deg.


Similar Part No. - LED600-03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LED6000 STMICROELECTRONICS-LED6000 Datasheet
2Mb / 49P
3 A, 61 V monolithic current source with dimming capability
15-May-2015
LED6000PHR STMICROELECTRONICS-LED6000PHR Datasheet
2Mb / 49P
3 A, 61 V monolithic current source with dimming capability
15-May-2015
LED6000PHTR STMICROELECTRONICS-LED6000PHTR Datasheet
2Mb / 49P
3 A, 61 V monolithic current source with dimming capability
15-May-2015
LED6001 STMICROELECTRONICS-LED6001 Datasheet
559Kb / 26P
PWM-dimmable single channel LED driver with integrated boost controlle
26-Jun-2014
LED6001TR STMICROELECTRONICS-LED6001TR Datasheet
559Kb / 26P
PWM-dimmable single channel LED driver with integrated boost controlle
26-Jun-2014
More results

Similar Description - LED600-03

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
WEJP01BC-WV61 WINNERJOIN-WEJP01BC-WV61 Datasheet
129Kb / 2P
Light Emitting Diode
WEJP01GC-WV63 WINNERJOIN-WEJP01GC-WV63 Datasheet
129Kb / 2P
Light Emitting Diode
WEJS31BC-C66 WINNERJOIN-WEJS31BC-C66 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31GC-CJ3 WINNERJOIN-WEJS31GC-CJ3 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31GC-DL4 WINNERJOIN-WEJS31GC-DL4 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31RC-991 WINNERJOIN-WEJS31RC-991 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31WC-C83 WINNERJOIN-WEJS31WC-C83 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS31YC-C93 WINNERJOIN-WEJS31YC-C93 Datasheet
223Kb / 4P
Light Emitting Diode
WEJS51BC-EJ6 WINNERJOIN-WEJS51BC-EJ6 Datasheet
222Kb / 4P
Light Emitting Diode
logo
Roithner LaserTechnik G...
CG4L5111A ROITHNER-CG4L5111A Datasheet
315Kb / 2P
Light Emitting Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com