Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED625-03 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED625-03
Description  orange led
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED625-03 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED625-03 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED625-03 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED625-03 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED625-03 Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED625-03 Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.roithner-laser.com
1
LED625-03
v 1.0 05.12.2014
Description
LED625-03 contains a AlGaInP LED mounted on a lead frame hermetically sealed with a clear epoxy
lens.
On forward bias, it emits a power radiation of typical 23 mW at a peak wavelength at 625 nm.
Maximum Ratings (T
CASE=25°C)
Parameter
Symbol
Values
Min.
Max.
Unit
Power Dissipation
PD
120
mW
Forward Current
IF
50
mA
Pulse Forward Current *
1
IFP
100
mA
Reverse Voltage
VF
5
V
Thermal Resistance
RTHJA
300
K/W
Junction Temperature
TJ
120
°C
Operating Temperature
TCASE
- 40
+ 100
°C
Storage Temperature
TSTG
- 40
+ 100
°C
Lead Solder Temperature *
2
TSLD
+ 250
°C
*
1 duty=1%, pulse width = 10 µs
*
2 must be completed within 5 seconds


Similar Part No. - LED625-03

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED620-66-60 ROITHNER-LED620-66-60 Datasheet
136Kb / 2P
High Power LED Array
More results

Similar Description - LED625-03

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MO31DR MICRO-ELECTRONICS-MO31DR Datasheet
142Kb / 3P
ORANGE LED LAMPS
MO31T MICRO-ELECTRONICS-MO31T Datasheet
47Kb / 1P
ORANGE LED LAMPS
MO51C MICRO-ELECTRONICS-MO51C Datasheet
45Kb / 1P
ORANGE LED LAMPS
MOB31CR MICRO-ELECTRONICS-MOB31CR Datasheet
44Kb / 1P
ORANGE LED LAMPS
MOB51 MICRO-ELECTRONICS-MOB51 Datasheet
44Kb / 1P
ORANGE LED LAMPS
MOB51CR MICRO-ELECTRONICS-MOB51CR Datasheet
40Kb / 1P
ORANGE LED LAMPS
MOB81 MICRO-ELECTRONICS-MOB81 Datasheet
52Kb / 1P
ORANGE LED LAMPS
logo
KODENSHI_AUK CORP.
KB320O KODENSHI-KB320O Datasheet
308Kb / 4P
Orange LED
KP3020O60A1C KODENSHI-KP3020O60A1C Datasheet
127Kb / 4P
Orange LED
KV3528O60A1I-H KODENSHI-KV3528O60A1I-H Datasheet
123Kb / 5P
Orange LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com