Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED625-03 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LED625-03
Description  orange led
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED625-03 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LED625-03 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LED625-03 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LED625-03 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LED625-03 Datasheet HTML 4Page - Roithner LaserTechnik GmbH LED625-03 Datasheet HTML 5Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.roithner-laser.com
2
Electro-Optical Characteristics (T
CASE=25°C)
*
1 measured by S3584-08
*
2 measured by CIE127-2007 Condition B
Typical Performance Curves
Parameter
Symbol Conditions
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
λP
IF=20mA
615
625
635
nm
Dominant Wavelength
λD
IF=20mA
(617)
nm
Half Width
∆λ
IF=20mA
16
nm
Forward Voltage
VF
IF=20mA
2.0
2.3
V
IF=50mA
2.2
VFP
IFP=100mA
2.5
Radiated Power *
1
PO
IF=20mA
5.0
9.0
mW
IF=50mA
23
IFP=100mA
44
Radiant Intensity *
2
IE
IF=20mA
36
mW/sr
IF=50mA
92
IFP=100mA
180
Brightness
IV
IF=20mA
6.5
cd
Luminous Flux
ϕV
IF=20mA
3.1
lm
Viewing Angle
φ
IF=20mA
28
deg.
Rise Time
tR
IF=20mA
70
ns
Fall Time
tF
IF=20mA
50
ns
Forward Current vs. Forward Voltage
Rel. Radiant Intensity vs. Forward Current
Forward Voltage [V]
Forward Current [mA]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com