Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM680P06CPROG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM680P06CPROG
Description  P-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM680P06CPROG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM680P06CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TSM680P06
Taiwan Semiconductor
Document Number: DS_P0000127
2
Version: F15
ELECTRICAL SPECIFICATIONS (T
C = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Static
(Note 4)
Drain-Source Breakdown Voltage
VGS = 0V, ID = -250µA
BVDSS
-60
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = -250µA
VGS(TH)
-1.2
-1.6
-2.2
V
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = -60V, VGS = 0V
IDSS
--
--
-1
µA
VDS = -48V, TC = 125°
C
--
--
-10
Drain-Source On-State Resistance
VGS = -10V, ID = -6A
RDS(on)
--
54
68
mΩ
VGS = -4.5V, ID = -3A
--
72
110
Forward Transconductance
VDS = -10V, ID = -6A
gfs
--
8.5
--
S
Dynamic
(Note 5)
Total Gate Charge
VDS = -30V, ID = -6A,
VGS = -10V
Qg
--
16.4
--
nC
Gate-Source Charge
Qgs
--
2.8
--
Gate-Drain Charge
Qgd
--
3.6
--
Input Capacitance
VDS = -30V, VGS = 0V,
f = 1.0MHz
Ciss
--
870
--
pF
Output Capacitance
Coss
--
70
--
Reverse Transfer Capacitance
Crss
--
42
--
Gate Resistance
F = 1MHz, open drain
Rg
--
16
--
Ω
Switching
(Note 6)
Turn-On Delay Time
VDD = -30V,
RGEN = 6Ω,
ID = -1A
td(on)
--
8.3
--
ns
Turn-On Rise Time
tr
--
29.6
--
Turn-Off Delay Time
td(off)
--
51.7
--
Turn-Off Fall Time
tf
--
15.6
--
Source-Drain Diode
(Note 3)
Forward On Voltage
IS = -1A, VGS = 0V
VSD
--
--
-1
V
Reverse Recovery Time
IS =1A
dIF/dt = 100A/µs
trr
--
20
--
ns
Reverse Recovery Charge
Qrr
--
10
--
nC
Maximum Continuous Forward
Current
Integral reverse diode
in the MOSFET
IS
--
--
-13
A
Maximum Pulse Forward Current
ISM
--
--
-52
A
Notes:
1.
Current limited by package
2.
Pulse width limited by the maximum junction temperature
3.
L = 0.1mH, IAS = -16A, VDD = -25V, RG = 25Ω, Starting TJ = 25
oC
4.
Pulse test: PW ≤ 300µs, duty cycle ≤ 2%
5.
For DESIGN AID ONLY, not subject to production testing.
6.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com