Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM680P06CPROG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM680P06CPROG
Description  P-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM680P06CPROG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM680P06CPROG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TSM680P06CPROG Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TSM680P06
Taiwan Semiconductor
Document Number: DS_P0000127
1
Version: F15
P-Channel Power MOSFET
-60V, -18A, 68mΩ
FEATURES
●
Improved dV/dt capability
●
Fast switching
●
100% Eas Guaranteed
●
Pb-free plating
●
RoHS compliant
●
Halogen-free mold compound
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
VDS
-60
V
RDS(on) (max)
VGS = -10V
68
mΩ
VGS = -4.5V
110
Qg
16.4
nC
APPLICATION
●
Motor Drive
●
Power Tools
●
LED Lighting
TO-220
ITO-220
TO-251S (IPAK SL)
TO-252 (DPAK)
Notes: Moisture sensitivity level: level 3. Per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C unless otherwise noted)
PARAMETER
SYMBOL
IPAK/DPAK
ITO-220 TO-220
UNIT
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
(Note 1)
TC = 25°C
ID
-18
A
TC = 100°C
-11
Pulsed Drain Current
(Note 2)
IDM
-72
A
Total Power Dissipation @ TC = 25°C
PDTOT
20
17
42
W
Single Pulsed Avalanche Energy
(Note 3)
EAS
12.8
mJ
Single Pulsed Avalanche Current
(Note 3)
IAS
-16
A
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C
THERMAL PERFORMANCE
PARAMETER
SYMBOL
IPAK/DPAK
ITO-220 TO-220
UNIT
Junction to Case Thermal Resistance
RӨJC
6.1
7.5
3
°C/W
Junction to Ambient Thermal Resistance
RӨJA
62
°C/W
Notes: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case thermal reference is defined
at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is determined by the user’s board
design. RӨJA shown below for single device operation on FR-4 PCB in still air.


Similar Part No. - TSM680P06CPROG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM680P06D TSC-TSM680P06D Datasheet
461Kb / 6P
Dual P-Channel MOSFET
TSM680P06DPQ56RLG TSC-TSM680P06DPQ56RLG Datasheet
461Kb / 6P
Dual P-Channel MOSFET
More results

Similar Description - TSM680P06CPROG

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com