Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC488C Datasheet(PDF) 9 Page - Linear Technology

Part # LTC488C
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC488C Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC488C Datasheet HTML 4Page - Linear Technology LTC488C Datasheet HTML 5Page - Linear Technology LTC488C Datasheet HTML 6Page - Linear Technology LTC488C Datasheet HTML 7Page - Linear Technology LTC488C Datasheet HTML 8Page - Linear Technology LTC488C Datasheet HTML 9Page - Linear Technology LTC488C Datasheet HTML 10Page - Linear Technology LTC488C Datasheet HTML 11Page - Linear Technology LTC488C Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC488/LTC489
Receiver Open-Circuit Fail-Safe
Some data encoding schemes require that the output of
the receiver maintains a known state (usually a logic 1)
when the data is finished transmitting and all drivers on the
line are forced in three-state. The receiver of the LTC488/
LTC489 has a fail-safe feature which guarantees the out-
put to be in a logic 1 state when the receiver inputs are left
floating (open-circuit). When the input is terminated with
120
Ω and the receiver output must be forced to a known
state, the circuits of Figure 10 can be used.
S
APPLICATI
I FOR ATIO
The termination resistors are used to generate a DC bias
which forces the receiver output to a known state, in this
case a logic 0. The first method consumes about 208mW
and the second about 8mW. The lowest power solution is
to use an AC termination with a pullup resistor. Simply
swap the receiver inputs for data protocols ending in
logic 1.
Fault Protection
All of LTC’s RS485 products are protected against ESD
transients up to 2kV using the human body model (100pF,
1.5k). However, some applications need more protection.
The best protection method is to connect a bidirectional
TransZorb
® from each line side pin to ground (Figure 11).
A TransZorb is a silicon transient voltage suppressor that
has exceptional surge handling capabilities, fast response
time, and low series resistance. They are available from
General instruments, GSI, and come in a variety of break-
down voltages and prices. Be sure to pick a breakdown
voltage higher than the common mode voltage required
for your application (typically 12V). Also, don’t forget to
check how much the added parasitic capacitance will load
down the bus.
TransZorb is a registered trademark of General Instruments, GSI
488/9 F11
120
Ω
DRIVER
Y
Z
Figure 11. ESD Protection with TransZorbs®
488/9 F10
110
Ω
RX
130
Ω
130
Ω
110
Ω
5V
RX
RECEIVER
1.5k
120
Ω
5V
1.5k
RX
120
Ω
5V
C
100k
RECEIVER
RECEIVER
Figure 10. Forcing “0” When All Drivers Are Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com