Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC488C Datasheet(PDF) 5 Page - Linear Technology

Part # LTC488C
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC488C Datasheet(HTML) 5 Page - Linear Technology

  LTC488C Datasheet HTML 1Page - Linear Technology LTC488C Datasheet HTML 2Page - Linear Technology LTC488C Datasheet HTML 3Page - Linear Technology LTC488C Datasheet HTML 4Page - Linear Technology LTC488C Datasheet HTML 5Page - Linear Technology LTC488C Datasheet HTML 6Page - Linear Technology LTC488C Datasheet HTML 7Page - Linear Technology LTC488C Datasheet HTML 8Page - Linear Technology LTC488C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC488/LTC489
LTC488
LTC489
DIFFERENTIAL
ENABLES
OUTPUT
A – B
EN12 or EN34
RO
VID ≥ 0.2V
H
H
–0.2V < VID < 0.2V
H
?
VID ≤ 0.2V
H
L
XL
Z
H: High Level
L: Low Level
X: Irrelevant
?: Indeterminate
Z: High Impedance (Off)
FU CTIO TABLES
DIFFERENTIAL
ENABLES
OUTPUT
A – B
EN
EN
RO
VID ≥ 0.2V
H
X
H
XL
H
–0.2V < VID < 0.2V
H
X
?
XL
?
VID ≤ 0.2V
H
X
L
XL
L
XL
H
Z
TEST CIRCUITS
Figure 1. Receiver Timing Test Circuit
Note:
The input pulse is supplied by a generator having the following characteristics:
f = 1MHz, Duty Cycle = 50%, tr < 10ns, tf ≤ 10ns, ZOUT = 50Ω
D
488/9 F01
DRIVER
RECEIVER
CL
RO
A
B
54
Ω
100pF
100pF
Figure 2. Receiver Enable and Disable Timing Test Circuit
1k
488/9 F02
CL
S1
S2
1k
VCC
RECEIVER
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com