Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC489CS Datasheet(PDF) 6 Page - Linear Technology

Part # LTC489CS
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC489CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC489CS Datasheet HTML 2Page - Linear Technology LTC489CS Datasheet HTML 3Page - Linear Technology LTC489CS Datasheet HTML 4Page - Linear Technology LTC489CS Datasheet HTML 5Page - Linear Technology LTC489CS Datasheet HTML 6Page - Linear Technology LTC489CS Datasheet HTML 7Page - Linear Technology LTC489CS Datasheet HTML 8Page - Linear Technology LTC489CS Datasheet HTML 9Page - Linear Technology LTC489CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC488/LTC489
TI E WAVEFOR
S
G
WITCHI
S
Figure 3. Receiver Propagation Delays
0V
–VOD2
tPHL
f = 1MHz; tr ≤ 10ns; tf ≤ 10ns
0V
tPLH
VOD2
INPUT
A, B
VOH
1.5V
1.5V
VOL
RO
INPUT
488/9 F03
f = 1MHz; tr ≤ 10ns; tf ≤ 10ns
1.5V
RO
488/9 F04
0V
3V
1.5V
tZL
VOL
VOH
1.5V
tLZ
0.5V
0.5V
tHZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
0V
5V
1.5V
tZH
RO
EN OR
EN12
Figure 4. Receiver Enable and Disable Times
S
APPLICATI
I FOR ATIO
Typical Application
A typical connection of the LTC488/LTC489 is shown in
Figure 5. Two twisted-pair wires connect up to 32 driver/
receiver pairs for half-duplex data transmission. There are
no restrictions on where the chips are connected to the
wires, and it isn’t necessary to have the chips connected
at the ends. However, the wires must be terminated only
at the ends with a resistor equal to their characteristic
impedance, typically 120
Ω. The input impedance of a
receiver is typically 20k to GND, or 0.5 unit RS485 load, so
in practice 50 to 60 transceivers can be connected to the
same wires. The optional shields around the twisted-pair
help reduce unwanted noise, and are connected to GND at
one end.
Cables and Data Rate
The transmission line of choice for RS485 applications is
a twisted-pair. There are coaxial cables (twinaxial) made
for this purpose that contain straight-pairs, but these are
less flexible, more bulky, and more costly than twisted-
pairs. Many cable manufacturers offer a broad range of
120
Ω cables designed for RS485 applications.
Losses in a transmission line are a complex combination
of DC conductor loss, AC losses (skin effect), leakage, and
AC losses in the dielectric. In good polyethylene cable
such as the Belden 9841, the conductor losses and dielec-
tric losses are of the same order of magnitude, leading to
relatively low overall loss (Figure 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com