Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC489CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC489CS
Description  Quad RS485 Line Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC489CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC489CS Datasheet HTML 3Page - Linear Technology LTC489CS Datasheet HTML 4Page - Linear Technology LTC489CS Datasheet HTML 5Page - Linear Technology LTC489CS Datasheet HTML 6Page - Linear Technology LTC489CS Datasheet HTML 7Page - Linear Technology LTC489CS Datasheet HTML 8Page - Linear Technology LTC489CS Datasheet HTML 9Page - Linear Technology LTC489CS Datasheet HTML 10Page - Linear Technology LTC489CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC488/LTC489
S
APPLICATI
I FOR ATIO
Figure 5. Typical Connection
120
Ω
120
Ω
3
RX
2
1
488/9 F05
DX
1
3
SHIELD
RX
EN
DX
1/4 LTC486
12
SHIELD
4
12
3
2
DX
DX
1/4 LTC486
1
EN
1/4 LTC488 OR
1/4 LTC489
RX
3
1
2
4
RX
1/4 LTC488 OR
1/4 LTC489
EN
EN
FREQUENCY (MHz)
0.1
0.1
1
10
1
10
100
488/9 F06
Figure 7. Cable Length vs Data Rate
DATA RATE (bps)
10k
10
100
1k
10k
100k
1M
10M
488/9 F07
2.5M
Figure 6. Attenuation vs Frequency for Belden 9841
When using low loss cables, Figure 7 can be used as a
guideline for choosing the maximum line length for a given
data rate. With lower quality PVC cables, the dielectric loss
factor can be 1000 times worse. PVC twisted-pairs have
terrible losses at high data rates (> 100kbps), and greatly
reduce the maximum cable length. At low data rates
however, they are acceptable and much more economical.
Cable Termination
The proper termination of the cable is very important. If the
cable is not terminated with its characteristic impedance,
distorted waveforms will result. In severe cases, distorted
(false) data and nulls will occur. A quick look at the output
of the driver will tell how well the cable is terminated. It is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com