Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC8043FN8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC8043FN8
Description  Serial 12-Bit Multiplying DAC in SO-8
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC8043FN8 Datasheet(HTML) 1 Page - Linear Technology

  LTC8043FN8 Datasheet HTML 1Page - Linear Technology LTC8043FN8 Datasheet HTML 2Page - Linear Technology LTC8043FN8 Datasheet HTML 3Page - Linear Technology LTC8043FN8 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
LTC8043
Serial 12-Bit Multiplying
DAC in SO-8
s
Improved Direct Replacement for DAC-8043 and
MAX543
s
SO-8 Package
s
DNL and INL Over Temperature:
±0.5LSB
s
Easy, Fast and Flexible Serial Interface
s
±1LSB Maximum Gain Error
s
4-Quadrant Multiplication
s
Low Power Consumption
s
Low Cost
The LTC
®8043 is a serial-input 12-bit multiplying digital-
to-analog converter (DAC). It is a superior pin compatible
replacement for the DAC-8043. Improvements include
better accuracy, better stability over temperature and
supply variations, lower sensitivity to output amplifier
offset, tighter timing specifications and lower output ca-
pacitance.
An easy-to-use 3-wire serial interface is well-suited to
remote or isolated applications
The LTC8043 is extremely versatile. It can be used for
2-quadrant and 4-quadrant multiplying, programmable
gain and single supply applications, such as noninverting
voltage output mode.
Parts are available in 8-pin SO and PDIP packages and are
specified over the extended industrial temperature range,
–40
°C to 85°C.
FEATURES
DESCRIPTION
s
Process Control and Industrial Automation
s
Remote Microprocessor-Controlled Systems
s
Digitally Controlled Filters and Power Supplies
s
Programmable Gain Amplifiers
s
Automatic Test Equipment
APPLICATIONS
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
SO-8 Multiplying DAC Has Easy 3-Wire Serial Interface
VDD VREF
LTC8043
RFB
GND
4
7
6
5
8
5V
VIN
CLOCK
DATA
LOAD
CLK
SRI
LD
1
2
3
IOUT
33pF
VOUT
LTC8043 • TA01
LT
®1097
Integral Nonlinearity Over Temperature
DIGITAL INPUT CODE
0
–1.0
–0.5
0
1.0
1024
2048 2560
LTC8043 • TPC02
0.5
512
1536
3072 3584 4095
TA = 25°C
TA = 85°C
TA = –40°C


Similar Part No. - LTC8043FN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC8043 LINER-LTC8043 Datasheet
173Kb / 4P
Serial 12-Bit Multiplying DAC in SO-8
LTC8043 LINER-LTC8043_15 Datasheet
173Kb / 4P
Serial 12-Bit Multiplying DAC in SO-8
More results

Similar Description - LTC8043FN8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
12-Bit CMOS Multiplying DAC
logo
Linear Technology
LTC1590 LINER-LTC1590 Datasheet
288Kb / 12P
Dual Serial 12-Bit Multiplying DAC
logo
Maxim Integrated Produc...
MAX514 MAXIM-MAX514 Datasheet
384Kb / 8P
CMOS Quad, 12-Bit, Serial-Input Multiplying DAC
Rev 1; 2/97
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
12-Bit, Buffered Multiplying DAC
logo
Analog Devices
AD5441 AD-AD5441 Datasheet
281Kb / 16P
12-Bit Serial Input Multiplying DAC
Mar-2007
AD5452W AD-AD5452W Datasheet
500Kb / 24P
12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
12-Bit Monolithic Multiplying DAC
REV. B
logo
Linear Technology
LTC1590 LINER-LTC1590_15 Datasheet
257Kb / 12P
Dual Serial 12-Bit Multiplying DAC
LTC8043 LINER-LTC8043_15 Datasheet
173Kb / 4P
Serial 12-Bit Multiplying DAC in SO-8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com