Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5441 Datasheet (PDF) - Analog Devices

AD5441 Datasheet PDF - Analog Devices
Part # AD5441
Download  AD5441 Download
File Size   281.87 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit Serial Input Multiplying DAC

AD5441 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5441 Datasheet PDF - Analog Devices

Part # AD5441
Download  AD5441 Click to download

File Size   281.87 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit Serial Input Multiplying DAC

AD5441 Datasheet (HTML) - Analog Devices


AD5441 Product details

GENERAL DESCRIPTION

The AD5441 is an improved high accuracy 12-bit multiplying digital-to-analog converter (DAC) in space-saving 8-lead packages. Featuring serial input, double buffering, and excellent analog performance, the AD5441 is ideal for applications where PC board space is at a premium. Improved linearity and gain error performance permit reduced part counts through the elimination of trimming components. Separate input clock and load DAC control lines allow full user control of data loading and analog output.



FEATURES

  3 V to 5 V supply operation

  True 12-bit accuracy

  5 V operation @ <10 μA

  Fast 3-wire serial input

  Fast 1 μs settling time

  2.4 MHz, 4-quadrant multiply BW

  Upgrade for DAC8043 and DAC8043A

  Standard and rotated pinout



APPLICATIONS

  Ideal for PLC applications in industrial control

  Programmable amplifiers and attenuators

  Digitally controlled calibration and filters

  Motion control systems



 




Similar Part No. - AD5441

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD544 AD-AD544 Datasheet
374Kb / 12P
High Performance, BiFET Operational Amplifiers
AD5440 AD-AD5440 Datasheet
860Kb / 32P
Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
7/04-Revision 0
AD5440 AD-AD5440 Datasheet
717Kb / 32P
Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
584Kb / 20P
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5440 AD-AD5440 Datasheet
753Kb / 25P
Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
More results


Similar Description - AD5441

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
12-Bit CMOS Multiplying DAC
logo
Linear Technology
LTC1590 LINER-LTC1590 Datasheet
288Kb / 12P
Dual Serial 12-Bit Multiplying DAC
LTC8043 LINER-LTC8043 Datasheet
175Kb / 4P
Serial 12-Bit Multiplying DAC in SO-8
logo
Maxim Integrated Produc...
MAX514 MAXIM-MAX514 Datasheet
384Kb / 8P
CMOS Quad, 12-Bit, Serial-Input Multiplying DAC
Rev 1; 2/97
MAX543 MAXIM-MAX543 Datasheet
441Kb / 12P
CMOS, 12-Bit, Seral-Input Multiplying DAC
Rev 1; 10/92
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
12-Bit Monolithic Multiplying DAC
REV. B
AD7543 AD-AD7543_15 Datasheet
563Kb / 8P
Serial Input 12 Bit DAC
REV. B
logo
Linear Technology
LTC1590 LINER-LTC1590_15 Datasheet
257Kb / 12P
Dual Serial 12-Bit Multiplying DAC
LTC8043 LINER-LTC8043_15 Datasheet
173Kb / 4P
Serial 12-Bit Multiplying DAC in SO-8
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com