Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5441 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5441
Description  12-Bit Serial Input Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5441 Datasheet(HTML) 4 Page - Analog Devices

  AD5441 Datasheet HTML 1Page - Analog Devices AD5441 Datasheet HTML 2Page - Analog Devices AD5441 Datasheet HTML 3Page - Analog Devices AD5441 Datasheet HTML 4Page - Analog Devices AD5441 Datasheet HTML 5Page - Analog Devices AD5441 Datasheet HTML 6Page - Analog Devices AD5441 Datasheet HTML 7Page - Analog Devices AD5441 Datasheet HTML 8Page - Analog Devices AD5441 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD5441
Preliminary Technical Data
Rev. PrA | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
The AD5441 contains 346 transistors. The die size measures
70.3 mm × 57.1 mm = 4014 square mm.
Table 2.
Parameter
Rating
VDD to GND
−0.3 V, +8 V
VREF to GND
±18 V
RFB to GND
±18 V
Logic Inputs to GND
−0.3 V, VDD + 0.3 V
VIOUT to GND
−0.3 V, VDD + 0.3 V
IOUT Short Circuit to GND
50 mA
Package Power Dissipation
(TJ max − TA)/θJA
Thermal Resistance
θJA: 8-Lead MSOP
142°C/W
θJA: 8-Lead LFCSP1
75°C/W
θJC: 8-Lead MSOP
44°C/W
θJC: 8-Lead LFCSP1
18°C/W
Maximum Junction Temperature (TJ max)
150°C
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
1 Exposed pad soldered to application board.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com