Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5441 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5441
Description  12-Bit Serial Input Multiplying DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5441 Datasheet(HTML) 3 Page - Analog Devices

  AD5441 Datasheet HTML 1Page - Analog Devices AD5441 Datasheet HTML 2Page - Analog Devices AD5441 Datasheet HTML 3Page - Analog Devices AD5441 Datasheet HTML 4Page - Analog Devices AD5441 Datasheet HTML 5Page - Analog Devices AD5441 Datasheet HTML 6Page - Analog Devices AD5441 Datasheet HTML 7Page - Analog Devices AD5441 Datasheet HTML 8Page - Analog Devices AD5441 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
AD5441
Rev. PrA | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
@ VDD = 5 V, VREF = 10 V, −40°C < TA < +125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Condition
STATIC PERFORMANCE
Resolution
N
12
Bits
Relative Accuracy
INL
±1.0
LSB
Differential Nonlinearity
DNL
±1.0
LSB
All grades monotonic to 12 bits
GFSE
±2.0
LSB
Data = FFFH
Gain Temperature Coefficient1
TCGFS
±5
ppm/°C
IOUT pin measured
Output Leakage Current
ILKG
±5
nA
Data = 000H, IOUT pin measured
±25
nA
TA = –40°C, +125°C, Data = 000H, IOUT pin measured
Zero-Scale Error
IZSE
0.03
LSB
Data = 000H
0.15
LSB
TA = −40°C, +125°C, Data = 000H
REFERENCE INPUT
Input Resistance
RREF
7
15
kΩ
Absolute temperature coefficient < 50 ppm/°C
Input Capacitance1
CREF
5
pF
ANALOG OUTPUT
Output Capacitance1
COUT
25
pF
Data = 000H
30
pF
Data = FFFH
DIGITAL INPUTS
Digital Input Low
VIL
0.8
V
Digital Input High
VIH
2.4
V
Input Leakage Current
IIL
1
μA
VLOGIC = 0 V to 5 V
Input Capacitance1
CIL
10
pF
VLOGIC = 0 V
INTERFACE TIMING1, 2
Data Setup
tDS
10
ns
Data Hold
tDH
5
ns
Clock Width High
tCH
25
ns
Clock Width Low
tCL
25
ns
Load Pulse Width
tLD
25
ns
LD DAC High to MSB CLK High
tLD1
0
ns
LSB CLK to LD DAC
tASB
0
ns
AC CHARACTERISTICS1
Output Current Settling Time
tS
1
μs
To ±0.01% of full-scale, external op amp OP42
DAC Glitch
Q
20
nVs
Data = 000H to FFFH to 000H, VREF = 0 V
Digital Feedthrough
TBD
Feedthrough (VOUT/VREF)
FT
1
mV p-p
VREF = 20 V p-p, data = 000H, f = 10 kHz
Total Harmonic Distortion
THD
−85
dB
VREF = 6 V rms, data = FFFH, f = 1 kHz
Output Noise Density
en
17
nV/√Hz
10 Hz to 100 kHz between RFB and IOUT
Multiplying Bandwidth
BW
2.4
MHz
−3 dB, VOUT/VREF, VREF = 100 mV rms, data = FFFH
Power Supply Range
VDD RANGE
3
5
V
Positive Supply Current
IDD
10
μA
VLOGIC = 0 V or VDD
Power Dissipation
PDISS
50
μW
VLOGIC = 0 V or VDD
Power Supply Sensitivity
PSS
0.002
%/%
ΔVDD = ±5%
1 These parameters are guaranteed by design and not subject to production testing.
2 All input control signals are specified with tR = tF = 2 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com